Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 159 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 159 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 155Page - Microsemi Corporation VSC7511 Datasheet HTML 156Page - Microsemi Corporation VSC7511 Datasheet HTML 157Page - Microsemi Corporation VSC7511 Datasheet HTML 158Page - Microsemi Corporation VSC7511 Datasheet HTML 159Page - Microsemi Corporation VSC7511 Datasheet HTML 160Page - Microsemi Corporation VSC7511 Datasheet HTML 161Page - Microsemi Corporation VSC7511 Datasheet HTML 162Page - Microsemi Corporation VSC7511 Datasheet HTML 163Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
144
The first 20 bytes of a frame written to a CPU injection group is an injection header containing relevant
side band information about how the frame must be processed by the switch core. The CPU ports must
be enabled to expect the CPU injection header (SYS::PORT_MODE.INCL_INJ_HDR).
On a per-frame basis, the CPU controls whether frames injected through the CPU port module are
processed by the analyzer. If the frame is processed by the analyzer, it is sent through the processing
steps to calculate the destination ports for the frame. If analyzer processing is not selected, the CPU can
specify the destination port set and related information to fully control the forwarding of the frame. For
more information about the analyzer’s processing steps, see Forwarding Engine, page 109.
The contents of the CPU injection header is listed in the following table.
Table 116 •
CPU Injection Header
Field
Bit
Width
Description
BYPASS
127
1
When this bit is set, the analyzer processing is skipped for this
frame. The destination set is specified in DEST and
CPU_QUEUE. Forwarding uses the QOS_CLASS, and the
rewriter uses the tag information (POP_CNT, TAG_TYPE, PCP,
DEI, VID) for rewriting actions.
When this bit is cleared, the analyzer determines the destination
set, QoS class, and VLAN classification for the frame through
normal frame processing including lookups in the MAC table and
VLAN table.
MASQ
126
1
When this bit is set, masquerading is enabled. The classifier,
analyzer, and queue system handle the frame as if it was
received by the ingress port specified in MASQ_PORT. This field
overloads the REW_OP field and should only be used when
BYPASS = 0.
MASQ_PORT
122
4
Masquerading port used when MASQ is set. This field overloads
the REW_OP field and should only be used when BYPASS = 0.
REW_OP
126
1
If set, frame’s source MAC address is replaced with source MAC
address configured per egress port
(SYS::REW_MAC_LOW_CFG, SYS::REW_MAC_HIGH_CFG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com