Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 155 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 155 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 151Page - Microsemi Corporation VSC7511 Datasheet HTML 152Page - Microsemi Corporation VSC7511 Datasheet HTML 153Page - Microsemi Corporation VSC7511 Datasheet HTML 154Page - Microsemi Corporation VSC7511 Datasheet HTML 155Page - Microsemi Corporation VSC7511 Datasheet HTML 156Page - Microsemi Corporation VSC7511 Datasheet HTML 157Page - Microsemi Corporation VSC7511 Datasheet HTML 158Page - Microsemi Corporation VSC7511 Datasheet HTML 159Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
140
The following table shows the resulting rewriter actions for the origin PTP action, depending on the
ingress and egress backplane mode settings.
The following describes each of the PTP time stamping rewriter actions.
Residence Time. The frame’s residence time is calculated as Tx time stamp - Rx time stamp. For
information about how the Rx and Tx time stamps are derived, see Rx and Tx Time Stamps, page 21.
The residence time is adjusted for an optional egress delay (REW:PORT:PTP_DLY1_CFG) enabled
through IS2_ACTION.REW_OP[5] = 1. The resulting residence time is added to the correction field value
in the PTP header. The result is written back into the frame.
Add/subtract. Add the frame’s Tx time to the correction field or subtract the frame’s Rx time from the
correction field. This is used in backplane applications. This mode requires a rollover protection mode to
handle the situation where the nanosecond counter rolls over during the backplane transfer. The rollover
protection mode is configured in SYS::PTP_CFG.PTP_CF_ROLL_MODE and must be the same in both
the ingress and the egress backplane unit.
Time-of-Day. The time-of-day consists of a 48-bit seconds part and a 32-bit nanoseconds part. The
current time-of-day is derived by sampling the time-of-day seconds counter (SYS::PTP_TOD_LSB,
SYS::PTP_TOD_MSB) and the nanoseconds counter (Tx time stamp) at the time of the frame’s
departure from the switch. Note that the time-of-day value is adjusted for I/O path delay. For more
information, see Rx and Tx Time Stamps, page 21.
Set Reserved Bytes. This action write the frame’s Rx time stamp into the reserved bytes of the PTP
header.
Clear Reserved Bytes. This action clears the reserved byte of the PTP header by setting the four bytes
to 0.
In addition, the UDP checksum is handled for IPv4 frames and IPv6 frames after any PTP modifications
by the rewriter. For IPv4, the UDP checksum is cleared while for IPv6, the two bytes immediately
following the PTP header are updated so that the UDP checksum remains correct.
All internal calculations on nanoseconds time stamps are signed and use 48 bits of precision. When
enabling a port for backplane mode, it is possible specify the number of bits to use from the 48-bit
counter. This is specified in SYS::PTP_CFG.PTP_STAMP_WID. This means that the time stamp values
carried in the reserved bytes or in the correction field in the PTP header can be for instance 30 bits
instead of the default 32 bits.
3.13.5
Special Rewriter Operations
VCAP IS2 can trigger a special rewriter operation through IS2_ACTION.REW_OP[3:0] = 8 (rewriter
special), where the frame’s MAC addresses are swapped:
•
The original destination MAC address becomes the new source MAC address.
•
The original source MAC address becomes the new destination MAC address.
Bit 40 is cleared in the new source MAC address to prevent the possibility of transmitting an illegal frame
with a multicast source MAC address.
Table 112 •
PTP Time Stamping for Origin PTP
PTP Action
(from IS2)
Ingress
Backplane
Egress
Backplane
PTP time stamp Rewriter Actions
Origin
Disabled
Disabled
Time-of-day: Write the time-of-day into the PTP origin
time stamp field.
Origin
Disabled
Enabled
None.
Origin
Enabled
Disabled
Time-of-day: Write the time-of-day into the PTP origin
time stamp field.
Origin
Enabled
Enabled
Does not apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com