Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 152 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 152 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 148Page - Microsemi Corporation VSC7511 Datasheet HTML 149Page - Microsemi Corporation VSC7511 Datasheet HTML 150Page - Microsemi Corporation VSC7511 Datasheet HTML 151Page - Microsemi Corporation VSC7511 Datasheet HTML 152Page - Microsemi Corporation VSC7511 Datasheet HTML 153Page - Microsemi Corporation VSC7511 Datasheet HTML 154Page - Microsemi Corporation VSC7511 Datasheet HTML 155Page - Microsemi Corporation VSC7511 Datasheet HTML 156Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
137
ES0 tag: VID
•
Use the classified VID incremented with ES0_ACTION.VID_A_VAL for ES0 tag A and use the
classified VID incremented with ES0_ACTION.VID_B_VAL for ES0 tag B.
•
Use ES0_ACTION.VID_A_VAL for ES0 tag A and use ES0_ACTION.VID_B_VAL for ES0 tag B.
ES0 tag: TPID
•
Use Ethernet type 0x8100 (C-tag).
•
Use Ethernet type 0x88A8 (S-tag).
•
Use custom Ethernet type programmed in PORT_VLAN.PORT_TPID.
•
Use custom Ethernet type programmed in PORT_VLAN.PORT_TPID unless the incoming tag was a
C-tag in which case Ethernet type 0x8100 is used.
3.13.1.5 VLAN Pushing
In the final VLAN editing step, the VLAN tags derived from the previous steps are pushed to the frame.
3.13.2
DSCP Remarking
The following table lists the registers associated with DSCP remarking.
The rewriter can remark the DSCP value in IPv4 and IPv6 frames, that is, write a new DSCP value to the
DSCP field in the frame.
If a port is enabled for DSCP remarking (DSCP_CFG.DSCP_REWR_CFG), the new DSCP value is
derived by using the classified DSCP value from the analyzer (the basic classification or the VCAP IS1)
in the ingress port. This DSCP value can be mapped before replacing the existing value in the frame.
The following options are available:
•
No DSCP remarking - Leave the DSCP value in the frame untouched.
•
Update the DSCP value in the frame with the value received from the analyzer
•
Update the DSCP value in the frame with the value received from the analyzer remapped through
DSCP_REMAP_CFG. This is done independently of the value of the drop precedence level.
•
Update the DSCP value in the frame with the value received from the analyzer remapped through
DSCP_REMAP_CFG or DSCP_REMAP_DP1_CFG dependent on the drop precedence level. This
enables one mapping for green frames and another for yellow frames so that the resulting DSCP
value can reflect the color of the frame.
In addition, the IP checksum is updated for IPv4 frames. Note that the IPv6 header does not contain a
checksum. As a result, checksum updating does not apply for IPv6 frames.
DSCP remarking is not possible for frames where PTP time stamps are also generated and is
automatically disabled.
3.13.3
FCS Updating
The following table lists the registers associated with FCS updating.
Table 107 •
DSCP Remarking Registers
Register
Description
Replication
DSCP_CFG
Selects how the DSCP remarking is done
Per port
DSCP_REMAP_CFG
Mapping table from DSCP to DSCP for DP level = 0.
None
DSCP_REMAP_DP1_CFG Mapping table from DSCP to DSCP for DP level = 1.
None
Table 108 •
FCS Updating Registers
Register
Description
Replication
PORT_CFG.FCS_UPDATE_NONCPU_CFG
FCS update configuration for non-CPU
injected frames.
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com