Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 148 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 148 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 144Page - Microsemi Corporation VSC7511 Datasheet HTML 145Page - Microsemi Corporation VSC7511 Datasheet HTML 146Page - Microsemi Corporation VSC7511 Datasheet HTML 147Page - Microsemi Corporation VSC7511 Datasheet HTML 148Page - Microsemi Corporation VSC7511 Datasheet HTML 149Page - Microsemi Corporation VSC7511 Datasheet HTML 150Page - Microsemi Corporation VSC7511 Datasheet HTML 151Page - Microsemi Corporation VSC7511 Datasheet HTML 152Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
133
3.12.5.2 Strict and Work-Conserving Shaping Example
•
Output from scheduler element is shaped down to 500 Mbps.
•
All queues are strict.
•
All queues are shaped to 50 Mbps.
•
Queues 6 and 7 are work-conserving (allowed to use excess bandwidth).
•
All queues receive 125 Mbps of traffic each.
The following table lists the resulting egress bandwidth for the various queues.
3.13
Rewriter
The device includes a rewriter common for all ports that determines how the egress frame is edited
before transmission. The rewriter performs the following editing:
•
VLAN editing; tagging of frames and remapping of PCP and DEI.
•
DSCP remarking; rewriting the DSCP value in IPv4 and IPv6 frames based on classified DSCP
value.
•
FCS updating.
•
Precision Time Protocol time stamp updating.
Each port module including the CPU port module (CPU port 11 and CPU port 12) has its own set of
configuration in the rewriter. Each frame is handled by the rewriter one time per destination port.
Most rewriting functions in the rewriter are independent of each other and can co-exist. For instance, a
frame can be VLAN tagged while at the same time being DSCP remarked. However, precision time
protocol time stamp updating and DSCP remarking are mutually exclusive with the former taking
precedence. If an IS2 action returns any PTP actions then DSCP remarking is automatically disabled for
the frame.
3.13.1
VLAN Editing
The following table lists the registers associated with VLAN editing.
Table 104 •
Example of Strict and Work-Conserving Shaping
Queue
Result: Egress Bandwidth
Q0
50 Mbps
Q1
50 Mbps
Q2
50 Mbps
Q3
50 Mbps
Q4
50 Mbps
Q5
50 Mbps
Q6
75 Mbps (Gets the last 25 Mbps of the 100 Mbps in excess not used by queue 7)
Q7
125 Mbps (Gets 75 Mbps of the 100 Mbps in excess limited only by the received rate)
Sum:
500 Mbps
Table 105 •
VLAN Editing Registers
Register
Description
Replication
PORT_VLAN_CFG
Port VLAN for egress port. Used for untagged set
Per port
TAG_CFG
Tagging rules for port tag
Per port
PORT_CFG.ESO_ENA
Enable lookups in ES0
Per port
PCP_DEI_QOS_MAP_CFG
Mapping table
Maps DP level and QoS class to new PCP and DEI values
Per port per
QoS per DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com