Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 145 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 145 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 141Page - Microsemi Corporation VSC7511 Datasheet HTML 142Page - Microsemi Corporation VSC7511 Datasheet HTML 143Page - Microsemi Corporation VSC7511 Datasheet HTML 144Page - Microsemi Corporation VSC7511 Datasheet HTML 145Page - Microsemi Corporation VSC7511 Datasheet HTML 146Page - Microsemi Corporation VSC7511 Datasheet HTML 147Page - Microsemi Corporation VSC7511 Datasheet HTML 148Page - Microsemi Corporation VSC7511 Datasheet HTML 149Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
130
3.12.1
Scheduler Element
The following illustration shows the scheduler element.
Figure 41 •
Scheduler Element
By default, the scheduler operates in strict priority between all 12 inputs. The inputs are searched in the
following prioritized order: Input 11 has highest priority followed by 10, 9, 8, 7, 6, 5, 4, 3, 2, 1, and 0.
In addition, the scheduler can operate either in a byte-based deficit weighted round robin (DWRR) mode
or a frame-based round robin (RR) mode. This is an overall configuration for the scheduler element and
cannot be selected per input. In DWRR mode, the participating inputs are given a weight and the
scheduler selects frames from these inputs according to the weights. The DWRR is byte-based and
takes the lengths of the frames into account. In RR mode, the participating inputs are selected one after
another. The RR is frame-based and does not take the length of the frames into account.
The scheduler supports a mixed mode where some inputs operate in strict priority and others operate in
either DWRR or RR. Any number of inputs can be assigned to either group but strict priority inputs must
always be selected from highest numbered inputs.
Each scheduler element has an associated leaky-bucket shaper at the output. The shaper limits the
overall transmission bandwidth from the scheduler element. Frames are only scheduled if the shaper is
open.
Each scheduling element determines whether it has a frame ready for scheduling based on status
information of the scheduling element’s inputs. For each input, the scheduling element knows if the input
has a frame ready for transmission and if the frame is ready due to a work conservation mode. The
overall scheduling algorithm within a scheduling element is as follows:
1.
If the output shaper is closed, frames are only scheduled from the element if the element is enabled
for work conservation. Otherwise, frames are held back until the shaper opens.
2.
If the output shaper is open or in work conservation mode, the scheduling element schedules
between inputs that are not work conserving by following the rules for the scheduler configuration:
strict inputs are scheduled first then round robin based inputs are scheduled according to either the
DWRR algorithm or the RR algorithm.
3.
If no frames are scheduled during step 2, a second round of scheduling is performed. Inputs that are
work conserving become candidates for the second round of scheduling.
The hierarchy of scheduling elements is traversed from the element connected to the egress port through
to the element that connects to an egress queue by recursively deciding which input should be
scheduled.
10
156
80 through 87
11 (CPU)
157
88 through 95
Table 102 •
Scheduler Elements Numbering (continued)
Egress Port
Scheduler Elements - Level 1
Scheduler Elements - Level 2
Byte-based
DWRR
Frame-based
RR
N-Strict
11
0
Output
S
Shaper
Inputs
Scheduler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com