Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 142 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 142 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 138Page - Microsemi Corporation VSC7511 Datasheet HTML 139Page - Microsemi Corporation VSC7511 Datasheet HTML 140Page - Microsemi Corporation VSC7511 Datasheet HTML 141Page - Microsemi Corporation VSC7511 Datasheet HTML 142Page - Microsemi Corporation VSC7511 Datasheet HTML 143Page - Microsemi Corporation VSC7511 Datasheet HTML 144Page - Microsemi Corporation VSC7511 Datasheet HTML 145Page - Microsemi Corporation VSC7511 Datasheet HTML 146Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
127
•
The TOT_PAUSE flag is set.
•
The ingress port memory consumption exceeds the SYS:PORT:PAUSE_CFG.PAUSE_START
watermark.
The pause request is deasserted the following condition is met:
•
The ingress port’s consumption is below the SYS:PORT:PAUSE_CFG.PAUSE_STOP watermark.
3.11.8
Tail Dropping
The shared queue system implements a tail dropping mechanism where incoming frames are discarded
if the port’s memory consumption and the total memory consumption exceed certain watermarks. Tail
dropping implies that the frame is discarded unconditionally. All ports in the device are subject to tail
dropping. It is independent of whether the port is in flow control mode or in drop mode.
Tail dropping can be effective under special conditions. For example, tail dropping can prevent an ingress
port from consuming all the shared memory when pause frames are lost or when the link partner is not
responding to pause frames.
The shared queue system initiates tail dropping by discarding the incoming frame if the following two
conditions are met at any point while writing the frame data to the memory.
•
If the Ingress port memory consumption exceeds the SYS:PORT:ATOP_CFG.ATOP watermark
•
If the total consumed memory in the shared queue system exceeds the
SYS:PORT:ATOP_TOT_CFG.ATOP_TOT watermark
3.11.9
Test Utilities
This section describes some of test utilities that are built into the shared queue system.
Each egress port can enable a frame repeater (SYS::REPEATER), which means that the head-of-line
frames in the egress queues are transmitted but not dequeued after transmission. As a result, the
scheduler sees the same frames again and again while the repeater function is active.
The SYS:PORT:PORT_MODE.DEQUEUE_DIS disables both transmission and dequeuing from the
egress queues when set.
3.11.10 Energy Efficient Ethernet
This section provides information about the functions of Energy Efficient Ethernet in the shared queue
system. The following table lists the registers associated with Energy Efficient Ethernet.
The shared queue system supports Energy Efficient Ethernet (EEE) as defined by IEEE Draft P802.3az
by initiating the Low Power Idle (LPI) mode during periods of low link use. EEE is controlled per port by
an egress queue state machine that monitors the queue fillings and ensures correct wake-up and sleep
timing. The egress queue state machine is responsible for informing the PCS in the port module of
changes in EEE states (active, sleep, low power idle, and wake up).
Table 100 •
Energy Efficient Ethernet Control Registers
Register
Description
Replication
DEV::EEE_CFG
Enables configuration of Energy Efficient Ethernet. Status
bit indicating that egress port is in the LPI state.
Per port
QSYS::EEE_CFG
Configures fast queues.
Per port
QSYS::EEE_THRES
Configures bytes and frame thresholds.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com