Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 139 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 139 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 135Page - Microsemi Corporation VSC7511 Datasheet HTML 136Page - Microsemi Corporation VSC7511 Datasheet HTML 137Page - Microsemi Corporation VSC7511 Datasheet HTML 138Page - Microsemi Corporation VSC7511 Datasheet HTML 139Page - Microsemi Corporation VSC7511 Datasheet HTML 140Page - Microsemi Corporation VSC7511 Datasheet HTML 141Page - Microsemi Corporation VSC7511 Datasheet HTML 142Page - Microsemi Corporation VSC7511 Datasheet HTML 143Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
124
When a frame is enqueued into the shared queue system, the frame consumes first from the queue’s
reserved frame reference area, then from the port’s reserved frame reference area. When all the frame’s
reserved frame reference areas are full, it consumes from the shared frame reference area.
3.11.3
Resource Depletion Condition
A frame copy is made from an ingress port to an egress port when both a memory check and a frame
reference check succeed. The memory check succeeds when at least one of the following conditions is
met.
•
Ingress memory is available: BUF_Q_RSRV_I or BUF_P_RSRV_I are not exceeded.
•
Egress memory is available: BUF_Q_RSRV_E or BUF_P_RSRV_E are not exceeded.
•
Shared memory is available: None of BUF_PRIO_SHR_E, BUF_COL_SHR_E, BUF_PRIO_SHR_I,
or BUF_COL_SHR_I are exceeded.
The frame reference check succeeds when at least one of the following conditions is met.
•
Ingress frame references are available: REF_Q_RSRV_I or REF_P_RSRV_I are not exceeded.
•
Egress frame references are available: REF_Q_RSRV_E or REF_P_RSRV_E are not exceeded.
•
Shared frame references are available: None of REF_PRIO_SHR_E, REF_COL_SHR_E,
REF_PRIO_SHR_I, or REF_COL_SHR_I are exceeded.
3.11.4
Configuration Example
This section provides an example of how the watermarks can be configured for a QoS-aware switch with
no color handling and the effects of the settings.
Table 98 •
Watermark Configuration Example
Watermark
Value
Comment
BUF_Q_RSRV_I
500 bytes
Guarantees that a port is capable of receiving at least one
frame in all QoS classes.
Note It is not necessary to assign a full MTU, because the
watermarks are checked before the frame is added to the
memory consumption.
BUF_P_RSRV_I
0
No additional guarantees for the ingress port.
BUF_Q_RSRV_E
200 bytes
Guarantees that all QoS classes are capable of sending a
non-congested stream of traffic through the switch.
BUF_P_RSRV_E
10 kilobytes
Guarantees that all egress ports have 10 kilobytes of
buffer, independently of other traffic in the switch. This is
the most demanding reservation in this setup, reserving
110 kilobytes of the total 224 kilobytes.
BUF_COL_SHR_E
BUF_COL_SHR_I
Maximum
Effectively disables frame coloring as watermark is never
reached.
BUF_PRIO_SHR_E
BUF_PRIO_SHR_I
42 kilobytes to
63 kilobytes
The different QoS classes are cut-off with 3 kilobytes
distance (42, 45, 48, 51, 54, 57, 60, and 63 kilobytes). This
gives frames with higher QoS classes a larger part of the
shared buffer area. Effectively, this means that the burst
capacity is 52 kilobytes for frames belonging to QoS
class 0 and up to 73 kilobytes for frame belonging to QoS
class 7.
REF_Q_RSRV_E
REF_Q_RSRV_I
4
For both ingress and egress, this guarantees that four
frames can be pending from and to each port.
REF_P_RSRV_E
REF_P_RSRV_I
20
For both ingress and egress, this guarantees that an extra
20 frames can be pending, shared between all QoS
classes within the port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com