Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 137 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 137 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 133Page - Microsemi Corporation VSC7511 Datasheet HTML 134Page - Microsemi Corporation VSC7511 Datasheet HTML 135Page - Microsemi Corporation VSC7511 Datasheet HTML 136Page - Microsemi Corporation VSC7511 Datasheet HTML 137Page - Microsemi Corporation VSC7511 Datasheet HTML 138Page - Microsemi Corporation VSC7511 Datasheet HTML 139Page - Microsemi Corporation VSC7511 Datasheet HTML 140Page - Microsemi Corporation VSC7511 Datasheet HTML 141Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
122
3.11.1
Buffer Management
A number of watermarks control how much data can be pending in the egress queues before the
resources are depleted. There are no watermarks for the ingress queues, except for flow control,
because the ingress queues are empty most of the time due to the fast transfer rates from ingress to
egress. For more information, see Ingress Pause Request Generation, page 126. When the watermarks
are configured properly, congested traffic does not influence the forwarding of non-congested traffic.
The memory is split into two main areas:
•
A reserved memory area. The reserved memory area is subdivided into areas per port per QoS
class per direction (ingress/egress).
•
A shared memory area, which is shared by all traffic.
For setting up the reserved areas, egress watermarks exist per port and per QoS class for both ingress
and egress. The following table lists the reservation watermarks.
All the watermarks, including the ingress watermarks, are compared against the memory consumptions
in the egress queues. For example, the ingress watermarks in BUF_Q_RSRV_I compare against the
total consumption of frames across all egress queues received on the specific ingress port and classified
to the specific QoS class. The ingress watermarks in BUF_P_RSRV_I compare against the total
consumption of all frames across all egress queues received on the specific ingress port.
The reserved areas are guaranteed minimum areas. A frame cannot be discarded or held back in the
ingress queues if the frame’s reserved areas are not yet used.
The shared memory area is the area left when all the reservations are taken out. The shared memory
area is shared between all ports, however, it is possible to configure a set of watermarks per QoS class
and per drop precedence level (green/yellow) to stop some traffic flows before others. The following table
lists the sharing watermarks.
Table 96 •
Reservation Watermarks
Register
Description
Replication
BUF_Q_RSRV_E Configures the reserved amount of egress buffer per QoS
class per egress port.
Per QoS class per
egress port
BUF_P_RSRV_E Configures the reserved amount of egress buffer shared
among the egress port’s allocated egress queues.
Per egress port
BUF_Q_RSRV_I Configures the reserved amount of egress buffer per
ingress port per QoS class across all egress ports.
Per ingress port per
QoS class
BUF_P_RSRV_I
Configures the reserved amount of egress buffer per
ingress port shared among the eight QoS classes.
Per ingress port
Table 97 •
Sharing Watermarks
Register
Description
Replication
BUF_PRIO_SHR_E Configures how much of the shared memory area that egress
frames with the given QoS class are allowed to use.
Per QoS class
BUF_COL_SHR_E
Configures how much of the shared memory area that egress
frames with the given drop precedence level are allowed to
use.
Per drop
precedence
level
BUF_PRIO_SHR_I
Configures how much of the shared memory area that
ingress frames with the given QoS class are allowed to use.
Per QoS class
BUF_COL_SHR_I
Configures how much of the shared memory area that
ingress frames with the given drop precedence level are
allowed to use.
Per drop
precedence
level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com