Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 134 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 134 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 130Page - Microsemi Corporation VSC7511 Datasheet HTML 131Page - Microsemi Corporation VSC7511 Datasheet HTML 132Page - Microsemi Corporation VSC7511 Datasheet HTML 133Page - Microsemi Corporation VSC7511 Datasheet HTML 134Page - Microsemi Corporation VSC7511 Datasheet HTML 135Page - Microsemi Corporation VSC7511 Datasheet HTML 136Page - Microsemi Corporation VSC7511 Datasheet HTML 137Page - Microsemi Corporation VSC7511 Datasheet HTML 138Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
119
3.10.1
Policer Allocation
The different policer types are assigned a policer from the pool of policers the following ways:
•
Port policers. Frames received on physical port ‘p’ use policer ‘p’. Each of physical ports can be
assigned to its own policer.
•
QoS policers. Frames classified to QoS class ‘q’ on physical port ‘p’ use policer 32 + 8x ‘p’ + ‘q’.
Each of the eight per-port QoS classes per port can be assigned to its own policer.
•
VCAP IS2 policers. Policers 128 through 191 can be allocated to VCAP policing. The action
IS2_ACTION.POLICE_IDX points to the policer that is used.
The policer pool layout is illustrated in the following drawing.
Figure 35 •
Policer Pool Layout
By default, none of the policers from the pool are allocated.
Port policers are allocated through ANA:PORT:POL_CFG.PORT_POL_ENA per port and QoS policers
are allocated through ANA:PORT:POL_CFG.QUEUE_POL_ENA per QoS class per port.
Finally, VCAP IS2 policers are allocated by creating IS2 rules with POLICE_ENA and POLICE_IDX
actions. IS2 policers actions are only valid in the first lookup in IS2. The VCAP can point to any unused
policer in addition to the dedicated VCAP policers.
Any frame received by the MAC and forwarded to the classifier is applicable to policing. Frames with
errors, pause frames, or MAC control frames are not forwarded by the MAC and, as a result, they are not
accounted for in the policers. That is, they are not policed and are not adding to the rate measured by the
policers.
In addition, the following special frame types can bypass the policers:
ANA:POL:POL_PIR_CFG
Configures the policer’s peak information rate
384
ANA:POL:POL_CIR_CFG
Configures the policer’s committed information rate
384
ANA:POL:POL_MODE_CFG
Configures the policer’s mode of operation
384
ANA:POL:POL_PIR_STATE
Current state of the peak information rate bucket
384
ANA:POL:POL_CIR_STATE
Current state of the committed information rate bucket
384
ANA:PORT:POL_FLOWC
Flow control settings
Per port
ANA::POL_HYST
Hysteresis settings
None
Table 95 •
Policer Control Registers (continued)
Register
Description
Replication
0
11
32
127
128
191
Port Policers (12)
QoS Policers (96)
Unused
12
31
VCAP Policers (64)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com