Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 133 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 133 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 129Page - Microsemi Corporation VSC7511 Datasheet HTML 130Page - Microsemi Corporation VSC7511 Datasheet HTML 131Page - Microsemi Corporation VSC7511 Datasheet HTML 132Page - Microsemi Corporation VSC7511 Datasheet HTML 133Page - Microsemi Corporation VSC7511 Datasheet HTML 134Page - Microsemi Corporation VSC7511 Datasheet HTML 135Page - Microsemi Corporation VSC7511 Datasheet HTML 136Page - Microsemi Corporation VSC7511 Datasheet HTML 137Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
118
The following adjustment is made to the forwarding decision for frames subject to mirroring:
•
Ports set in MIRRORPORTS are added to DEST.
If the CPU port is set in the MIRRORPORTS, CPU extraction queue CPUQ_CFG.CPUQ_MIRROR is
added to the CPUQ.
For learn frames with learning enabled, all ports in ADVLEARN.LEARN_MIRROR are added to DEST.
For more information, see SMAC Analysis, page 114.
For more information about mirroring, see Mirroring, page 249.
Finally, if AGENCTRL.CPU_CPU_KILL_ENA is set, the CPU port is removed if the ingress port is the
CPU port itself. This is similar to source port filtering done for front ports and prevents the CPU from
sending frames back to itself.
3.9.4
Analyzer Monitoring
Miscellaneous events in the analyzer can be monitored, which can provide an understanding of the
events during the processing steps. The following table lists the registers associated with analyzer
monitoring.
Port moves, defined as a known station moving to a new port, are registered in the ANMOVED register.
A port move occurs when an existing MAC table entry for (MAC, VID) is updated with new port
information (DEST_IDX). Such an event is registered in ANMOVED by setting the bit corresponding to
the new port.
Continuously occurring port moves may indicate a loop in the network or a faulty link aggregation
configuration.
A list of events, such as frame flooding or policer drop, can be monitored in ANEVENTS.
The LEARNDISC counter registers every time an entry in the MAC table cannot be made or if an entry is
removed due to lack of storage.
3.10
Policers
The device has 192 policers that can be allocated to ingress ports, QoS classes per port, and VCAP IS2
entries. The policers limit the bandwidth of received frames by discarding frames exceeding configurable
rates. All policers are MEF compliant dual leaky bucket policers that are capable of handling committed
and excess peak information rates.
Each frame can hit up to three policers: One port policer, one VCAP policer and one QoS policer. The
order in which the policers are applied to a frame is programmable.
In addition to the policers, the device also supports a number of storm policers and an egress scheduler
with shaping capabilities. For more information, see Storm Policers, page 116 and Scheduler and
Shapers, page 128.
The following table lists the registers associated with policer control.
Table 94 •
Analyzer Monitoring
Register
Description
Replication
ANMOVED
ANMOVED[n] is set when a known station has moved to port n.
None
ANEVENTS
Sticky bit register for various events.
None
LEARNDISC
The number of learn events that failed due to a lack of storage
space in the MAC table.
None
Table 95 •
Policer Control Registers
Register
Description
Replication
ANA:PORT:POL_CFG
Enables use of port and QoS policers
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com