Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 136 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 136 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 132Page - Microsemi Corporation VSC7511 Datasheet HTML 133Page - Microsemi Corporation VSC7511 Datasheet HTML 134Page - Microsemi Corporation VSC7511 Datasheet HTML 135Page - Microsemi Corporation VSC7511 Datasheet HTML 136Page - Microsemi Corporation VSC7511 Datasheet HTML 137Page - Microsemi Corporation VSC7511 Datasheet HTML 138Page - Microsemi Corporation VSC7511 Datasheet HTML 139Page - Microsemi Corporation VSC7511 Datasheet HTML 140Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
121
ANA:PORT:POL_FLOWC. Common for all port policers, POL_HYST.POL_FC_HYST specifies a
hysteresis, which controls when the policer can re-open after having closed.
To improve fairness between small and large frames being policed by the same policer,
POL_HYST.POL_DROP_HYST specifies a hysteresis that controls when the policer can re-open after
being closed. By setting it to a value larger than the maximum transmission unit, it guarantees that when
the policer opens again, all frames have the same chance of being accepted. This setting only applies to
policers working in drop mode.
The current fill level of the dual leaky buckets can be read in POL_PIR_STATE and POL_CIR_STATE.
The unit is 0.5 bits.
3.11
Shared Queue System
The device includes a shared queue system with one ingress queue per ingress port and one egress
queue per QoS class per egress port per ingress port. The queue system has 224 kilobytes of buffer.
Frames are linked into the ingress queues after frame analysis. Each egress port module selected by the
frame analysis receives a link to the frame and stores the link in the appropriate egress queue selected
by mapping various frame properties to a queue number. The transfer from ingress to egress is
extremely efficient with a transfer time of 12.8 ns per frame copy (equivalent to a transfer rate from
ingress to egress of about 50 Gbps for 64-byte frames and about 1 terabit per second (Tbps) for
1518-byte frames). Each egress port module has a scheduler that selects between the egress queues
when transmitting frames.
The following illustration shows the shared queue system.
Figure 36 •
Queue System Overview
Resource depletion can prevent one or more of the frame copies from the ingress queue to the egress
queues. If a frame copy cannot be made due to lack of resources, the ingress port’s flow control mode
determines the behavior as follows:
•
Ingress port is in drop mode: The frame copy is discarded.
•
Ingress port is in flow control mode: The frame is held back in the ingress queue and the frame copy
is made when the congestion clears.
For more information about special configurations of the shared queue system with respect to flow
control, see Ingress Pause Request Generation, page 126.
Egress Transmitter
Egress Port Module (1 per port)
Ingress Queues
(1 per port)
Egress Queues
Frame Analysis
(Find QoS class and
set of destination
ports)
Queue 0.0
Queue 0.1
Queue 95.11
Ingr. Queue 0
Ingr. Queue 1
Ingr. Queue 11
One or multiple copies
or discard
MAC Tx
Rx MAC
Rx MAC
Rx MAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com