Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 140 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 140 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 136Page - Microsemi Corporation VSC7511 Datasheet HTML 137Page - Microsemi Corporation VSC7511 Datasheet HTML 138Page - Microsemi Corporation VSC7511 Datasheet HTML 139Page - Microsemi Corporation VSC7511 Datasheet HTML 140Page - Microsemi Corporation VSC7511 Datasheet HTML 141Page - Microsemi Corporation VSC7511 Datasheet HTML 142Page - Microsemi Corporation VSC7511 Datasheet HTML 143Page - Microsemi Corporation VSC7511 Datasheet HTML 144Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
125
3.11.5
Watermark Programming and Consumption Monitoring
The watermarks previously described are all found in the SYS::RES_CFG register. The register is
replicated 1024 times. The following illustration the organization.
Figure 38 •
Watermark Layout
The illustration shows the watermarks available for the BUF_xxx_I group of watermarks. For the other
groups of watermarks (BUF_xxx_I, REF_xxx_I, BUF_xxx_E, and REF_xxx_E), the exact same set of
watermarks are available.
For monitoring the consumption of resources, SYS::RES_STAT provides information about current use
and the maximum use since the last read of the register. The information is available for each of the
watermarks listed and the layout of the RES_STAT register follows the layout of the watermarks.
SYS::MMGT.FREECNT holds the amount of free memory in the shared queue system and
SYS::EQ_CTRL.FP_FREE_CNT holds the number of free frame references in the shared queue system.
REF_COL_SHR_E
REF_COL_SHR_I
Maximum
Effectively disables frame coloring as watermark is never
reached.
REF_PRIO_SHR_E
REF_PRIO_SHR_I
1350 - 1700
The different QoS classes are cut-off with a distance of
50 frame references (1350, 1400, 1450, 1500, 1550, 1600,
1650, and 1700). This gives frames with higher QoS
classes a larger part of the shared reference area.
Table 98 •
Watermark Configuration Example (continued)
Watermark
Value
Comment
BUF_xxx_I
REF_xxx_I
BUF_xxx_E
REF_xxx_E
Port and QoS class
reservation
watermarks
(xxx = Q_RSRV)
Port reservation
watermarks
(xxx = P_RSRV)
Color Sharing
watermarks
(xxx = COL_SHR)
Port 0
Port 1
Port 2
Port 10
Port 11
...
QoS class 0
QoS class 1
QoS class 2
QoS class 6
QoS class 7
QoS class sharing
watermarks
(xxx = PRIO_SHR)
Port 0
Port 1
Port 2
Port 10
Port 11
...
DP 1 (yellow)
DP 0 (green)
QoS class 3
QoS class 4
QoS class 5
216
0
224
254
0
256
512
768
0
8
88
QoS class 0
QoS class 1
QoS class 2
QoS class 6
QoS class 7
QoS class 3
QoS class 4
QoS class 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com