Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 143 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 143 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 139Page - Microsemi Corporation VSC7511 Datasheet HTML 140Page - Microsemi Corporation VSC7511 Datasheet HTML 141Page - Microsemi Corporation VSC7511 Datasheet HTML 142Page - Microsemi Corporation VSC7511 Datasheet HTML 143Page - Microsemi Corporation VSC7511 Datasheet HTML 144Page - Microsemi Corporation VSC7511 Datasheet HTML 145Page - Microsemi Corporation VSC7511 Datasheet HTML 146Page - Microsemi Corporation VSC7511 Datasheet HTML 147Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
128
Figure 39 •
Low Power Idle Operation
Energy Efficient Ethernet is enabled per port through DEV::EEE_CFG.EEE_ENA.
By default, the egress port is transmitting enqueued data. This is the active state. If none of the port’s
egress queues have enqueued data for the time specified in DEV::EEE_CFG.EEE_TIMER_HOLDOFF,
the egress port instructs the PCS to enter the EEE sleep state.
When data is enqueued in any of the port’s egress queues, a timer (DEV::EEE_CFG.EEE_TIMER_AGE)
is started. If one of the following conditions is met, the port enters the wake up state.
•
A queue specified as high priority (QSYS:PORT:EEE_CFG.EEE_FAST_QUEUES) has any data to
transmit.
•
The total number of frames in the port’s egress queues exceeds
QSYS::EEE_THRES.EEE_HIGH_FRAMES.
•
The total number of bytes in the port’s egress queues exceeds
QSYS::EEE_THRES.EEE_HIGH_FRAMES.
•
The time specified in DEV::EEE_CFG.EEE_TIMER_AGE has passed. PCS is instructed to wake up.
To ensure that PCS, PHY, and link partner are resynchronized after waking up; the egress port holds
back transmission of data until the time specified in DEV::EEE_CFG.EEE_TIMER_WAKEUP has
passed. After this time interval, the port resumes transmission of data.
The status bit DEV::EEE_CFG.PORT_LPI is set while the egress port holds back data due to LPI (from
the sleep state to the wake up state, both included).
3.12
Scheduler and Shapers
The following table lists the registers associated with the scheduler and egress shaper control.
Each egress port contains a two-level priority-fair egress scheduler. The first scheduler level towards the
egress port schedules between QoS classes while the second scheduler level towards the egress
queues schedules between the ingress ports.
An egress scheduler is constructed using 9 scheduler elements. Each scheduler elements has 12 inputs
and 1 output. It contains a scheduler, which can be strict or mixed with a round robin based scheduling
algorithm. The round robin based scheduling algorithm can either be frame-based round robin or byte-
based deficit weighted round robin. The output port of a scheduler elements contains a dual leaky bucket
shaper.
The following illustration provides an overview of the egress scheduling system for egress port 0.
Table 101 •
Scheduler and Egress Shaper Control Registers
Register
Description
Replication
QSYS::SHAPER_CFG
Configuration of egress shaper’s rate and burst.
158
QSYS::SE_CFG
Configuration of the scheduling algorithm.
158
QSYS::SE_DWRR_CFG
Configuration of DWRR scheduler’s costs.
158
QSYS::SHAPER_STATE
Status of the shaper bucket.
158
Active
Low-Power Idle
Active
TS
TQ
TR
Quiet
Quiet
Quiet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com