Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 147 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 147 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 143Page - Microsemi Corporation VSC7511 Datasheet HTML 144Page - Microsemi Corporation VSC7511 Datasheet HTML 145Page - Microsemi Corporation VSC7511 Datasheet HTML 146Page - Microsemi Corporation VSC7511 Datasheet HTML 147Page - Microsemi Corporation VSC7511 Datasheet HTML 148Page - Microsemi Corporation VSC7511 Datasheet HTML 149Page - Microsemi Corporation VSC7511 Datasheet HTML 150Page - Microsemi Corporation VSC7511 Datasheet HTML 151Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
132
•
C1
=32
∗5/10 = 16
•
C2
= 32*5/15 = 10.67 (rounded up to 11)
•
C3
= 32*5/20 = 8
•
C4
= 32*5/20 = 8
•
C5
= 32*5/30 = 5.33 (rounded down to 5)
Due to the rounding off, these costs result in the following bandwidth distribution, which is slightly off
compared to the desired distribution:
•
Input 0: 4.92%
•
Input 1: 9.85%
•
Input 2: 14.32%
•
Input 3: 19.70%
•
Input 4: 19.70%
•
Input 5: 31.51%
3.12.4
Round Robin
The round robin (RR) uses a simple round robin algorithm where each participating input is served one
after another. RR is enabled when SE_CFG.SE_DWRR_CFG>0 and SE_CFG.RR_ENA = 1. The
participating inputs are then inputs 0 through SE_CFG.SE_DWRR_CFG-1. Anything from 0 to 12
weighted inputs can participate.
The RR algorithm is frame-based and does not take the frame lengths into account.
3.12.5
Shaping and DWRR Scheduling Examples
This section provides examples and additional information about the use of the egress shapers and
scheduler. The following assumes a scheduler element is connected to the egress queues.
3.12.5.1 Mixing DWRR and Shaping Example
•
Output from scheduler element is shaped down to 500 Mbps.
•
Queues 7 and 6 are strict and queues 5 through 0 are weighted.
•
Queue 7 is shaped to 100 Mbps.
•
Queue 6 is shaped to 50 Mbps.
•
The following traffic distribution is desired for queue 5 through 0:
Q0
: 5%, Q1: 10%, Q2: 15%, Q3: 20%, Q4: 20%, Q5: 30%.
•
Each queue receives 125 Mbps of incoming traffic.
The following table lists the DWRR configuration and the resulting egress bandwidth for the various
queues.
Table 103 •
Example of Mixing DWRR and Shaping
Queue
Distribution
of Weighted
Traffic
Configuration
Costs/Weights
(Cn/Wn)
Result: Egress Bandwidth
Q0
5%
32 / 1
1/(1+2+2.9+4+4+6.4) × (500 – Mbps – 150 Mbps) = 17.2 Mbps
Q1
10%
16 / 2
2/(1+2+2.9+4+4+6.4) × (500 – Mbps – 150 Mbps) = 34.5 Mbps
Q2
15%
11 / 2.9
2.9/(1+2+2.9+4+4+6.4) × (500 – Mbps – 50 Mbps) = 50.1 Mbps
Q3
20%
8 / 4
4/(1+2+2.9+4+4+6.4) × (500 – Mbps – 150 Mbps) = 68.9 Mbps
Q4
20%
8 / 4
4/(1+2+2.9+4+4+6.4) × (500 – Mbps – 150 Mbps) = 68.9 Mbps
Q5
30%
5 / 6.4
6.4/(1+2+2.9+4+4+6.4) × (500 – Mbps – 150 Mbps) = 110.3 Mbps
Q6
50 = Mbps
Q7
100 = Mbps
Sum:
100%
500 = Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com