Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 149 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 149 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 145Page - Microsemi Corporation VSC7511 Datasheet HTML 146Page - Microsemi Corporation VSC7511 Datasheet HTML 147Page - Microsemi Corporation VSC7511 Datasheet HTML 148Page - Microsemi Corporation VSC7511 Datasheet HTML 149Page - Microsemi Corporation VSC7511 Datasheet HTML 150Page - Microsemi Corporation VSC7511 Datasheet HTML 151Page - Microsemi Corporation VSC7511 Datasheet HTML 152Page - Microsemi Corporation VSC7511 Datasheet HTML 153Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
134
The rewriter performs five steps related to VLAN editing for each frame and destination:
1.
VLAN popping - Zero, one, or two VLAN tags are popped from the frame.
2.
ES0 lookup - ES0 is looked up for each of the frame’s destination ports. The action from ES0
controls the pushing of VLAN tags.
3.
VLAN push decision - Deciding the number of new tags to push and which tag source to use for
each tag. Tag sources are: Port and ES0 (tag A and tag B).
4.
Constructing the VLAN tags - The new VLAN tags are constructed based on the tag sources’
configuration.
5.
VLAN pushing - the new VLAN tags are pushed.
3.13.1.1 VLAN Popping
The rewriter initially pops the number of VLAN tags specified by the VLAN_POP_CNT parameter
received with the frame from the classifier or VCAP IS1. Up to two VLAN tags can be popped. The
rewriter itself does not influence the number VLAN tags being popped.
3.13.1.2 ES0 Lookup
For each of the frame’s destination ports, VCAP ES0 is looked up using the ES0 key. See VCAP ES0,
page 92 for more information about ES0. The action from an ES0 hit is used in the following to determine
the frame’s VLAN editing.
3.13.1.3 VLAN Push Decision
After popping the VLAN tags, the rewriter decides whether to push zero, one, or two new VLAN tags to
the outgoing frame according to the port’s tagging configuration in register TAG_CFG and the action from
a potential VCAP ES0 hit. The up to two tags can originate from either the port (port tag) or ES0 (ES0 tag
A and ES0 tag B).
By default, the port can push one tag according to the port’s configuration in TAG_CFG. If the ES0 lookup
results in an entry being hit, the ES0 action can overrule the port configuration and push two tags by itself
(ES0 tag A and ES0 tag B) or it can combine port tagging and ES0 tagging.
The following illustration shows an overview of the available tagging options.
Figure 42 •
Tagging Overview
DMAC
SMAC
Outer tag
Inner tag
EtherType
Payload
(1) Port tag is controlled by REW:PORT:TAG_CFG.TAG_CFG.
Optional port tag(1)
ES0 tag A
No tag
Force port tag
No tag
ES0 tag B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com