Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 153 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 153 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 149Page - Microsemi Corporation VSC7511 Datasheet HTML 150Page - Microsemi Corporation VSC7511 Datasheet HTML 151Page - Microsemi Corporation VSC7511 Datasheet HTML 152Page - Microsemi Corporation VSC7511 Datasheet HTML 153Page - Microsemi Corporation VSC7511 Datasheet HTML 154Page - Microsemi Corporation VSC7511 Datasheet HTML 155Page - Microsemi Corporation VSC7511 Datasheet HTML 156Page - Microsemi Corporation VSC7511 Datasheet HTML 157Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
138
The rewriter updates a frame’s FCS when required or instructed to do so. Different handling is available
for frames injected by the CPU and for all other frames.
For non-CPU injected frames, the following update options are available:
•
Never update the FCS.
•
Conditional update: Update the FCS if the frame was modified due to PTP time stamping, VLAN
tagging, or DSCP remarking.
•
Always update the FCS.
In addition, the rewriter can update the FCS for all frames injected from the CPU through the CPU
injection queues in the CPU port module:
•
Never update the FCS.
•
Always update the FCS.
3.13.4
PTP Time Stamping
The following table lists the registers associated with PTP time stamping.
The rewriter can do various different PTP time stamping in the egress frame:
Residence time. Adds the frame’s residence time through the switch to the PTP correction field (byte-
offset 8).
Add/subtract. Adds the frame’s Tx time to the correction field (byte-offset 8) or subtract the frame’s Rx
time from the correction field.
Time-of-day. Samples and writes the 80-bit time-of-day into the PTP origin time stamp (byte-offset 34).
Set reserved bytes. Writes the RxTime into the PTP reserved bytes (byte-offset 16).
Clear reserved bytes. Writes zero into the PTP reserved bytes (byte-offset 16).
This can be done for PTP frames over IEEE802.3/Ethernet, PTP frames over UDP over IPv4, and PTP
frames over UDP over IPv6. In addition, frames can be VLAN tagged. The rewriter automatically finds the
correct location of the PTP header in the frame.
The rewriter takes the following frame properties from the analyzer as input.
•
IS2 rewriter action (IS2_ACTION.REW_OP[2:0]), which can be either one-step, two-step, or origin.
•
The frame’s Rx time stamp, adjusted for I/O path delays and ingress delays according to ingress
actions.
•
IS2 rewriter actions for one-step PTP: Add/subtract mode, egress delay adjustment.
•
Ingress backplane mode ANA:PORT:PTP_CFG.PTP_BACKPLANE_MODE from the frame’s
ingress port.
In addition, the following egress port properties are used.
•
Egress port delay (REW:PORT:PTP_DLY1_CFG).
•
Egress backplane mode (REW:PORT:PTP_CFG.PTP_BACKPLANE_MODE).
PORT_CFG.FCS_UPDATE_CPU_ENA
FCS update configuration for CPU
injected frames.
Per port
Table 109 •
PTP Time Stamping Registers
Register
Description
Replication
REW:PORT:PTP_CFG
PTP Configuration of egress port
Per port
REW:PORT:PTP_DLY1_CFG
Egress delay configuration
Per port
Table 108 •
FCS Updating Registers (continued)
Register
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com