Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 157 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 157 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 153Page - Microsemi Corporation VSC7511 Datasheet HTML 154Page - Microsemi Corporation VSC7511 Datasheet HTML 155Page - Microsemi Corporation VSC7511 Datasheet HTML 156Page - Microsemi Corporation VSC7511 Datasheet HTML 157Page - Microsemi Corporation VSC7511 Datasheet HTML 158Page - Microsemi Corporation VSC7511 Datasheet HTML 159Page - Microsemi Corporation VSC7511 Datasheet HTML 160Page - Microsemi Corporation VSC7511 Datasheet HTML 161Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
142
3.14.1
Frame Extraction
The following table lists the registers associated with frame extraction.
In the switch core, CPU extracted frames are forwarded to one of the eight CPU extraction queues. Each
of these queues is mapped to one of two CPU ports (port 11 and port 12) through
QSYS::CPU_GROUP_MAP. For each CPU port, there is a scheduler working either in strict mode or
round robin, which selects between the CPU extraction queues mapped to the same CPU port. In strict
mode, higher queue numbers are preferred over smaller queue numbers. In round robin, all queue are
serviced one after another.
The two CPU ports contain the same rewriter as regular front ports. The rewriter modifies the frames
before sending them to the CPU. In particular, the rewriter inserts an extraction header
(SYS::PORT_MODE.INCL_XTR_HDR), which contains relevant side band information about the frame
such as the frame’s classification result (VLAN tag information, DSCP, QoS class), ingress time stamp,
and the reason for sending the frame to the CPU. For more information about the rewriter, see Rewriter,
page 133.
The device CPU contains the functionality for reading out the frames. This can be done through the
frame DMA or regular register access. The Versatile Register Access Protocol (VRAP) Engine can also
be attached to one of the CPU extraction groups. This allows an external device to access internal
registers through Ethernet frames.
The following table lists the contents of the CPU extraction header.
Table 113 •
Frame Extraction Registers
Register
Description
Replication
QSYS::CPU_GROUP_MAP
Configuration of mapping of extraction
queues to CPU ports.
None
SYS::PORT_MODE.INCL_XTR_HDR Enables insertion of extraction header.
Configures formatting of outgoing
frames.
Per CPU port
(ports 11 and 12)
Table 114 •
CPU Extraction Header
Field
Bit
Width
Description
RESERVED
127
1
Reserved.
REW_OP
117
9
Rewriter operation command.
REW_OP[2:0] = 3 implies two-step PTP where REW_OP[8:3]
contains the PTP time stamp identifier.
Other settings do not apply.
REW_VAL
85
32
This field contains the Rx time when the frame was received.
LLEN
79
6
Frame length in bytes: 60 × WLEN + LLEN – 80.
WLEN
71
8
See LLEN.
RESERVED
47
24
Reserved.
SRC_PORT
43
4
The port number where the frame was received (0-11).
ACL_ID
37
6
If ACL_HIT is set, this value is the combined ACL_ID action of
the rules hit in IS2.
RESERVED
36
1
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com