Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 154 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 154 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 150Page - Microsemi Corporation VSC7511 Datasheet HTML 151Page - Microsemi Corporation VSC7511 Datasheet HTML 152Page - Microsemi Corporation VSC7511 Datasheet HTML 153Page - Microsemi Corporation VSC7511 Datasheet HTML 154Page - Microsemi Corporation VSC7511 Datasheet HTML 155Page - Microsemi Corporation VSC7511 Datasheet HTML 156Page - Microsemi Corporation VSC7511 Datasheet HTML 157Page - Microsemi Corporation VSC7511 Datasheet HTML 158Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
139
The following table shows the resulting rewriter actions for the one-step PTP action, depending on the
add/subtract mode and ingress and egress backplane mode settings.
All actions associated with one-step or origin can be disabled per egress port through
REW:PORT:PTP_CFG.PTP_1STEP_DIS.
The following table shows the resulting rewriter actions for the two-step PTP action, depending on the
ingress and egress backplane mode settings.
All actions associated with two-step can be disabled per egress port through
REW:PORT:PTP_CFG.PTP_2STEP_DIS.
Table 110 •
PTP Time Stamping for One-step PTP
PTP Action
(from IS2)
Add/Subtract
Ingress
Backplane
Egress
Backplane
PTP time stamp Rewriter Actions
One-step
Disabled
Disabled
Disabled
Residence time: Adds frame’s residence
time to PTP correction field.
Egress port delay is added to correction
field if specified by IS2.
One-step
Disabled
Disabled
Enabled
Sets reserved bytes: Writes frame’s Rx
time stamp into the reserved bytes.
One-step
Disabled
Enabled
Disabled
Residence time: Adds frame’s residence
time to PTP correction field.
Egress port delay is added to correction
field if specified by IS2.
Clear reserved bytes.
One-step
Disabled
Enabled
Enabled
Does not apply.
One-step
Enabled
Disabled
Disabled
Residence time: Adds frame’s residence
time to PTP correction field.
Egress port delay is added to correction
field if specified by IS2.
One-step
Enabled
Disabled
Enabled
Add/subtract: Subtracts frame’s Rx time
stamp from PTP correction field.
One-step
Enabled
Enabled
Disabled
Add/subtract: Adds frame’s Tx time stamp
to PTP correction field.
Egress port delay is added to correction
field if specified by IS2.
Clear reserved bytes.
One-step
Enabled
Enabled
Enabled
Does not apply.
Table 111 •
PTP Time Stamping for Two-step PTP
PTP action
(from IS2)
Ingress
Backplane
Egress
Backplane
PTP time stamp Rewriter Actions
Two-step
Disabled
Disabled
Saves Tx time stamp in PTP time stamp queue.
Two-step
Disabled
Enabled
Sets reserved bytes: Write the frame’s Rx time stamp
into the reserved bytes.
Two-step
Enabled
Disabled
Saves Tx time stamp in PTP time stamp queue.
Clear reserved bytes.
Two-step
Enabled
Enabled
Does not apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com