Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 160 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 160 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 156Page - Microsemi Corporation VSC7511 Datasheet HTML 157Page - Microsemi Corporation VSC7511 Datasheet HTML 158Page - Microsemi Corporation VSC7511 Datasheet HTML 159Page - Microsemi Corporation VSC7511 Datasheet HTML 160Page - Microsemi Corporation VSC7511 Datasheet HTML 161Page - Microsemi Corporation VSC7511 Datasheet HTML 162Page - Microsemi Corporation VSC7511 Datasheet HTML 163Page - Microsemi Corporation VSC7511 Datasheet HTML 164Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
145
REW_OP
117
9
Rewriter operation command. Used when BYPASS = 1. The
following commands are supported:
No operation: REW_OP[3:0] = 0.
No operation.
Special Rewrite: REW_OP[3:0] = 8.
Swap the MAC addresses and clear bit 40 in the new SMAC
when transmitting the frame.
DSCP remark: REW_OP[2:0] = 1.
REW_OP[8:3] contains the frame’s classified DSCP to be used
at egress for remarking.
One-step PTP: REW_OP[2:0] = 2.
The frame’s residence time is added to the correction field in the
PTP frame. The following sub-commands can be encoded:
REW_OP[5]: Set if egress delay must be added to residence
time.
Two-step PTP: REW_OP[2:0] = 3.
The frame’s departure time stamp is saved in the time stamp
FIFO queue at egress. REW_OP[8:3] contains the PTP time
stamp identifier used by the time stamp FIFO queue. Identifiers
0 through 3 are pre-allocated to be used by CPU injected
frames.
Origin PTP: REW_OP[2:0] = 5.
The time of day at the frame's departure time is written into the
origintime stamp field in the PTP frame.
Unspecified bits must be set to 0.
REW_VAL
85
32
By default, this field contains the frame’s receive time stamp. For
injected frames, this can be set by the CPU to indicate when the
injection started. The rewriter can then calculate a residence
time based on REW_VAL and the frame’s transmission time
stamp.
If TFRM_TIMER > 0, then REW_VAL contains the transmission
slot for periodic frame transmission (0 through 1023).
RESERVED
69
17
Reserved.
DEST
56
12
This is the destination set for the frame. DEST[11] is the CPU.
Used when BYPASS = 1.
RESERVED
47
9
Reserved.
SRC_PORT
43
4
The port number where the frame was injected (0-12).
RESERVED
41
2
Reserved.
TFRM_TIMER
37
4
Selects timer for periodic transmissions (1 through 8). If
TFRM_TIMER=0 then normal injection.
RESERVED
31
6
Reserved.
DP
30
1
The frame’s drop precedence (DP) level after policing. Used
when BYPASS = 1.
Table 116 •
CPU Injection Header (continued)
Field
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com