Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 164 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 164 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 160Page - Microsemi Corporation VSC7511 Datasheet HTML 161Page - Microsemi Corporation VSC7511 Datasheet HTML 162Page - Microsemi Corporation VSC7511 Datasheet HTML 163Page - Microsemi Corporation VSC7511 Datasheet HTML 164Page - Microsemi Corporation VSC7511 Datasheet HTML 165Page - Microsemi Corporation VSC7511 Datasheet HTML 166Page - Microsemi Corporation VSC7511 Datasheet HTML 167Page - Microsemi Corporation VSC7511 Datasheet HTML 168Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
149
The VRAP engine processes incoming VRAP frames that are redirected to the VRAP CPU extraction
queue by the basic classifier. For more information about the VRAP filter in the classifier, see CPU
Forwarding Determination, page 58.
The VRAP engine is enabled by allocating one of the two CPU ports as a dedicated VRAP CPU port
(DEVCPU_QS:XTR_GRP_CFG:MODE and DEVCPU_QS:INJ_GRP:MODE). The VRAP CPU
extraction queue (ANA:CPUQ_CFG2:CPUQ_VRAP) must be mapped as the only CPU extraction queue
to the VRAP CPU port (QSYS:CPU_GROUP_MAP:CPU_GROUP_MAP). In addition, the VRAP CPU
port must disable the use of CPU injection and CPU extraction headers
(SYS:PORT_MODE:INCL_INJ_HDR and SYS:PORT_MODE:INCL_XTR_HDR).
The complete VRAP functionality can be enabled automatically at chip startup by the use of special chip
boot modes. For more information, see VCore-Ie Configurations, page 159.
The following describes the VRAP frame formats.
3.15.1
VRAP Request Frame Format
The following illustration shows the format of a VRAP request frame.
Figure 46 •
VRAP Request Frame Format
VRAP request frames can optionally be VLAN tagged with one VLAN tag.
The EtherType = 0x8880 and the Ethernet Protocol Identifier (EPID) = 0x0004 identify the VRAP frames.
The subsequent VRAP header is used in both request and response frames.
The VRAP commands included in the request frame are the actual register access commands. The
VRAP engine supports the following five VRAP commands:
•
READ: Returns the 32-bit contents of any register in the device.
•
WRITE: Writes a 32-bit value to any register in the device.
•
READ-MODIFY-WRITE: Does read/modify/write of any 32-bit register in the device.
•
IDLE: Does not access registers but is useful for padding and identification purposes.
•
PAUSE: Does not access registers but causes the VRAP engine to pause between register access.
Each of the VRAP commands are described in the following sections. Each VRAP request frame can
contain multiple VRAP commands. Commands are processed sequentially starting with VRAP command
#1, #2, and so on. For more information, see <figure reference>. There are no restrictions on the order or
number of commands in the frame.
QSYS:CPU_GROUP_MAP:CPU_GROUP_MAP
Map VRAP CPU extraction queue to
a CPU port. One CPU port must be
reserved for VRAP frames.
None
DEVCPU_QS:XTR_GRP_CFG:MODE
Enable VRAP mode for reserved
CPU port.
Per CPU port
DEVCPU_QS:INJ_GRP_CFG:MODE
Enable VRAP mode injection for
reserved CPU port.
Per CPU port
SYS:PORT_MODE:INCL_INJ_HDR
The injection header is not present
for VRAP response frames.
Per port
SYS:PORT_MODE:INCL_XTR_HDR
The extraction header is not present
for redirected VRAP frames.
Per port
DEVCPU_GCB:VRAP_ACCESS_STAT
VRAP access status.
None
Table 119 •
VRAP Registers (continued)
Target:Register_group:Register.field
Description
Replication
Any valid DMAC
0x8880
DMAC
Any valid SMAC
SMAC
0x0004
EtherType
EPID
Valid FCS
FCS
#1
#n
VRAP Commands
16 bits
16 bits
48 bits
48 bits
32 bits
variable length
VRAP HDR
(Request)
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com