Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 167 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 167 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 163Page - Microsemi Corporation VSC7511 Datasheet HTML 164Page - Microsemi Corporation VSC7511 Datasheet HTML 165Page - Microsemi Corporation VSC7511 Datasheet HTML 166Page - Microsemi Corporation VSC7511 Datasheet HTML 167Page - Microsemi Corporation VSC7511 Datasheet HTML 168Page - Microsemi Corporation VSC7511 Datasheet HTML 169Page - Microsemi Corporation VSC7511 Datasheet HTML 170Page - Microsemi Corporation VSC7511 Datasheet HTML 171Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
152
3.15.8
VRAP PAUSE Command
The PAUSE command does not access registers in the device. Instead, it causes the VRAP engine to
enter a wait state and remain there until the pause time has expired. This can be used to ensure
sufficient delay between VRAP commands when this is needed.
The PAUSE command is 4 bytes wide and consists of one 32-bit code word with the four least significant
bits of the code word set to 0100. The wait time is controlled by the 28 most significant bits of the wait
command. The time unit is 1 us. The following illustration depicts the PAUSE command.
Figure 53 •
PAUSE Command
3.16
Layer 1 Timing
There are eight recovered clocks, four outputs that provide timing sources for external timing circuitry in
redundant timing implementations, and four internal clocks for the timing-recovery circuit. The following
tables list the registers and pins associated with Layer 1 timing.
It is possible to recover receive timing from any 10/100/1000 Mbps and 2.5 Gbps data streams into the
device.
The recovered clock outputs have individual divider configuration (through
SYNC_ETH_CFG.SEL_RCVRD_CLK_DIV) to allow division of SerDes receive frequency by 1, 2, 4, 5, 8,
16, or 25.
The recovered clocks are single-ended outputs, and the suggested divider settings in the following tables
are selected to make sure to not output too high a frequency through the input and outputs.
The four CuPHY ports share two recovered clocks. In table Table 122, page 153, the two clock resources
are called clk and can take the value 0 or 1. The CLK_SRC_SEL0 and CLK_SRC_SEL1 fields are
Table 120 •
Layer 1 Timing Configuration Registers
Register
Description
HSIO::SYNC_ETH_CFG
Configures recovered clocks. Replicated per recovered clock.
HSIO::SYNC_ETH_PLL_CFG
Additional PLL recovered clock configuration. Replicated per
recovered clock.
HSIO::PLL5G_CFG3
Enables high speed clock output.
PHY:PHY_GP:PHY_RCVD_CLK0_CTRL
Configures PHY recovered clock 0.
PHY:PHY_GP:PHY_RCVD_CLK1_CTRL
Configures PHY recovered clock 1.
Table 121 •
Layer 1 Timing Recovered Clock Pins
Pin Name
I/O
Description
RCVRD_CLK0
O
Recovered clock output, configured by SYNC_ETH_CFG[0].
This is an overlaid function on GPIO.
RCVRD_CLK1
O
Recovered clock output, configured by SYNC_ETH_CFG[1].
This is an overlaid function on GPIO.
CLKOUT
O
PLL high speed clock output.
Pause value (µs)
Request:
32 bits
0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com