Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 169 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 169 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 165Page - Microsemi Corporation VSC7511 Datasheet HTML 166Page - Microsemi Corporation VSC7511 Datasheet HTML 167Page - Microsemi Corporation VSC7511 Datasheet HTML 168Page - Microsemi Corporation VSC7511 Datasheet HTML 169Page - Microsemi Corporation VSC7511 Datasheet HTML 170Page - Microsemi Corporation VSC7511 Datasheet HTML 171Page - Microsemi Corporation VSC7511 Datasheet HTML 172Page - Microsemi Corporation VSC7511 Datasheet HTML 173Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
154
3.17
Hardware Time Stamping
Hardware time stamping provides nanosecond-accurate frame arrival and departure time stamps, which
are used to obtain high precision timing synchronization and timing distribution.
All frames are Rx time stamped on arrival with a 48-bit time stamp value using a hardware timer (time
stamper) that is implemented in the Media Access Control (MAC) block. The Rx time stamper provides
high time stamp accuracy relative to actual arrival time of the first byte of the frame from the PHY device.
Within the VCAP IS2, it is decided if the frame and associated Rx time stamp must be redirected or
copied to CPU for processing. The frame is forwarded as normal otherwise.
The VCAP IS2 also decides if a Tx time stamp must be triggered for a frame. Given the Rx and Tx time
stamps, the frame’s residence time inside the switch is calculated. The residence time can be stored in a
time stamp queue for the CPU to access (two-step time stamping) or the residence time can be used to
update the residence time field inside Precision Time Protocol frames (one-step time stamping).
The Tx time stamper is located at the transmit side of the MAC block as close to the PHY device as
possible and provides high accuracy of time stamp relative to when the first byte of the frame is actually
transmitted to the PHY.
The device also implements a time of day counter with nanosecond-accuracy. The time of day counter is
derived from a one-second timer. The one-second timer generates a pulse per second and is either
derived from an adjusted system clock or from external timing equipment.
3.17.1
Time Stamp Classification
Frames requiring Rx or Tx time stamping are identified by VCAP IS2. The IS2 action that triggers time
stamping is REW_OP[2:0], with the following options:
•
One-step time stamping (REW_OP[2:0] = 2), which implies adding the frame’s residence time to the
correction field.
•
Two-step time stamping (REW_OP[2:0] = 3), which implies saving the frame’s Tx time in a time
stamp queue.
•
Origin time stamping (REW_OP[2:0] = 5), which implies writing the time of day into the origintime
stamp field.
IS2 can be configured to identify the following frame formats from IEEE 1588-2008:
•
Transport of PTP over UDP over IPv4
•
Transport of PTP over UDP over IPv6
Transport of PTP over IEEE 802.3/Ethernet
3.17.2
Time of Day Generation
The DEVCPU has connection to four GPIOs to be used for 1588 synchronization shown in the following
illustration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com