Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 172 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 172 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 168Page - Microsemi Corporation VSC7511 Datasheet HTML 169Page - Microsemi Corporation VSC7511 Datasheet HTML 170Page - Microsemi Corporation VSC7511 Datasheet HTML 171Page - Microsemi Corporation VSC7511 Datasheet HTML 172Page - Microsemi Corporation VSC7511 Datasheet HTML 173Page - Microsemi Corporation VSC7511 Datasheet HTML 174Page - Microsemi Corporation VSC7511 Datasheet HTML 175Page - Microsemi Corporation VSC7511 Datasheet HTML 176Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
157
•
Overflow of the queue is signaled through SYS::PTP_STATUS.PTP_OVFL. Overflow implies that
one or more time stamps could not be enqueued due to all 128 entries being in use. time stamps not
enqueued are lost.
•
The head-of-line entry is read through SYS::PTP_STATUS and SYS::PTP_TXSTAMP.
•
Writing to the one-shot register SYS::PTP_NXT, removes the current head-of-line entry and
advances the pointer to the next entry in the time stamp queue.
When two-step Tx time stamping is performed for a frame destined for the CPU extraction queues, no
entry in the time stamp FIFO queue is made. The frame’s Rx time stamp is available through the CPU
extraction header.
The time stamp identifiers can take values between 0 to 63. Value 63 implies that all values 0-62 are in
use. Values 0 – 3 are pre-assigned to the CPU to be used for injection of frames. The remaining values
are assigned by the analyzer to frames requesting time stamping through the VCAP IS2 action. The
assigned values must be released again by the CPU by writing to the corresponding bit in
ANA::PTP_ID_HIGH (values 32 through 63) or ANA::PTP_ID_LOW (values 0 through 31). The CPU
releases a time stamp identifier when it has read the anticipated time stamp entries from the time stamp
queue. Note that multicasted frames generate a time stamp entry per egress port using the same time
stamp identifier. Each of these entries must be read before the time stamp identifier is released.
Two-step time stamping can be disabled per egress port using REW:PORT:PTP_CFG.PTP_2STEP_DIS.
This setting overrules the IS2 action.
3.17.4
Configuring I/O Delays
After a valid link is established and detected by the involved PCS logic, the I/O delays from the internal
time stamping points to the serial line must be configured. The delays are both mode-specific and
interface-specific, depending on the core clock frequency.
Ingress barrel shifter states that in 1G mode, the Rx delays must be added 0.8 ns times the value of
PCS1G_LINK_STATUS.DELAY_VAR to adjust for barrel shifting state after link establishment. In 2.5G
mode, the multiplier is 0.32 ns. In 100FX mode, the Rx delays must be subtracted 0.8 ns times the value
of PCS_FX100_STATUS.EDGE_POS_PTP to adjust for detected data phase.
The Rx and Tx delay values for the different ports and modes are automatically configured in the
software API.
3.18
Clocking and Reset
The reference clock for the PLL (REFCLK_P/N) is either differential or single-ended. The frequency can
be 25 MHz, 125 MHz, 156.25 MHz, or 250 MHz. The PLL must be configured for the appropriate clock
frequency by using strapping inputs REFCLK_CONF[2:0].
The PLL can be used as a recovered clock source for Synchronous Ethernet. For information about how
to configure PLL clock recovery, see Layer 1 Timing, page 152.
For information about protecting the VCore CPU system during a soft-reset, see Clocking and Reset,
page 157.
3.18.1
Pin Strapping
Configure PLL reference clock and VCore startup mode using the strapping pins on the GPIO interface.
The device latches strapping pins and keeps their value when nRESET to the device is released. After



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com