Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 176 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 176 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 172Page - Microsemi Corporation VSC7511 Datasheet HTML 173Page - Microsemi Corporation VSC7511 Datasheet HTML 174Page - Microsemi Corporation VSC7511 Datasheet HTML 175Page - Microsemi Corporation VSC7511 Datasheet HTML 176Page - Microsemi Corporation VSC7511 Datasheet HTML 177Page - Microsemi Corporation VSC7511 Datasheet HTML 178Page - Microsemi Corporation VSC7511 Datasheet HTML 179Page - Microsemi Corporation VSC7511 Datasheet HTML 180Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
161
4.2.1
Watchdog Timer
The VCore system has a built-in watchdog timer (WDT) with a two-second timeout cycle. The watchdog
timer is enabled, disabled, or reset through the WDT register. The watchdog timer is disabled by default.
After the watchdog timer is enabled, it must be regularly reset by software. Otherwise, it times out and
cause a VCore soft reset equivalent to setting RESET.CORE_RST_FORCE. Improper use of the
WDT.WDT_LOCK causes an immediate timeout-reset as if the watchdog timer had timed out. The
WDT.WDT_STATUS field shows if the last VCore-Ie CPU reset was caused by WDT timeout or regular
reset (possibly soft reset). The WDT.WDT_STATUS field is updated only during VCore-Ie CPU reset.
To enable or to reset the watchdog timer, write the locking sequence, as described in WDT.WDT_LOCK,
at the same time as setting the WDT.WDT_ENABLE field.
Note: Because watchdog timeout is equivalent to setting RESET.CORE_RST_FORCE, the
RESET.CORE_RST_CPU_ONLY field also applies to watchdog initiated soft reset.
4.3
Shared Bus
The shared bus is a 32-bit address and 32-bit data bus with dedicated master and slave interfaces that
interconnect all the blocks in the VCore-Ie system. The VCore-Ie CPU, PCIe inbound, and VCore SBA
access block are masters on the shared bus; only they can start access on the bus.
The shared bus uses byte addresses, and transfers of 8, 16, or 32 bits can be made. To increase
performance, bursting of multiple 32-bit words on the shared bus can be performed.
All slaves are mapped into the VCore-Ie system’s 32-bit address space and can be accessed directly by
masters on the shared bus. The SI Flash boot master is mirrored into the lowest address region.
Figure 56 •
Shared Bus memory
The Frame DMA has dedicated access to PCIe outbound. This means that access on the SBA to other
parts of the device, such as register access, does not affect Frame DMA injection/extraction
performance.
4.3.1
VCore-Ie Shared Bus Arbitration
The following table lists the registers associated with the shared bus arbitration.
Table 130 •
Shared Bus Configuration Registers
Register
Description
SBA::PL_CPU
Master priorities
SBA::PL_PCIE
Master priorities
Reserved
Reserved
Reserved
Reserved
Mirror of SI Flash
Chip Registers
0x00000000
0x80000000
0x20000000
0xFFFFFFFF
0x10000000
256 MB
1 GB
512 MB
0x00000000
0x80000000
0x20000000
256 MB
0x70000000
0x70000000
SI Flash
0x40000000
256 MB
0x40000000
0x50000000
256 MB
512 MB
0x50000000
PCIe DMA
1 GB
0xC0000000
0xC0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com