Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 180 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 180 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 176Page - Microsemi Corporation VSC7511 Datasheet HTML 177Page - Microsemi Corporation VSC7511 Datasheet HTML 178Page - Microsemi Corporation VSC7511 Datasheet HTML 179Page - Microsemi Corporation VSC7511 Datasheet HTML 180Page - Microsemi Corporation VSC7511 Datasheet HTML 181Page - Microsemi Corporation VSC7511 Datasheet HTML 182Page - Microsemi Corporation VSC7511 Datasheet HTML 183Page - Microsemi Corporation VSC7511 Datasheet HTML 184Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
165
register field is reserved. When writing reserved register fields, these must be set to 0 or 1, as indicated
in the table.
The SFR::GPR register is an 8-bit general-purpose register. The value of this register is available to
external CPU through ICPU_CFG::MPU8051_STAT.MPU8051_GPR.
The contents of the SFR::MPAGE register are used for the upper eight address bits during “MOVX A,
@Ri” and “MOVX @Ri, A” instructions. For legacy 8051 designs, the MPAGE register replaces the Port-
2-Latch. To enable memory access instructions (“MOVX A, @Ri"“ and “MOVX @Ri, A”), SFR register
0x8E must be written to 0 (“MOV 0x8E, #0x00”).
For more information about the SFR::MMAP register, see Mapping On-Chip Memory, page 167.
For more information about the SFR::RA_* registers, see Accessing the VCore-Ie Shared Bus,
page 167.
4.3.5
Starting the VCore-Ie CPU
This section provides information about the startup procedures for the VCore-Ie CPU. The procedures
apply to both manual and automatic booting.
Table 131 •
Special Function Registers (SFR)
Register
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GPR1
1.
This register is not part of the standard 8051 implementation.
0x80
--
---
-
-
-
SP
0x81
--
---
-
-
-
DPL
0x82
-
-
---
-
-
-
DPH
0x83
-
-
---
-
-
-
PCON
0x87
-
-
1
1
GF1
GF0
STOP
IDLE
TCON
0x88
00
00IE1
IT1
IE0
IT0
MPAGE1
0x92
--
---
-
-
-
PG1
0xB0
IFP3
IFP2
IFP1
IFP0
OP3
OP2
OP1
OP0
EPG1
0xC0
EIFP3
EIFP2
EIFP1
EIFP0
EOP3
EOP2
EOP1
EOP0
EEPG1
0xC1
EEIFP3 EEIFP2 EEIFP1 EEIFP0 EEOP3 EEOP2 EEOP1 EEOP0
PSW
0xD0
CY
AC
F0
RS1
RS0
0V
F1
P
ACC
0xE0
-
-
---
-
-
-
B
0xF0
-
-
---
-
-
-
MMAP1
0xF2
ACH
ACL
ADH
ADL
MCH
MCL
MDH
MDL
RA_AD0_RD1
0xF6
--
---
-
0
0
RA_AD0_WR1
0xF7
--
---
-
0
0
RA_AD11
0xF9
--
---
-
-
-
RA_AD21
0xFA
--
---
-
-
-
RA_AD31
0xFB
--
---
-
-
-
RA_DA01
0xFC
--
---
-
-
-
RA_DA11
0xFD
--
---
-
-
-
RA_DA21
0xFE
--
---
-
-
-
RA_DA31
0xFF
--
---
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com