Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 141 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 141 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 137Page - Microsemi Corporation VSC7511 Datasheet HTML 138Page - Microsemi Corporation VSC7511 Datasheet HTML 139Page - Microsemi Corporation VSC7511 Datasheet HTML 140Page - Microsemi Corporation VSC7511 Datasheet HTML 141Page - Microsemi Corporation VSC7511 Datasheet HTML 142Page - Microsemi Corporation VSC7511 Datasheet HTML 143Page - Microsemi Corporation VSC7511 Datasheet HTML 144Page - Microsemi Corporation VSC7511 Datasheet HTML 145Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
126
3.11.6
Advanced Resource Management
A number of additional handles into the resource management system are available for special use of
the device. They are described in the following table.
3.11.7
Ingress Pause Request Generation
During resource depletion, the shared queue system either discards frames when the ingress port
operates in drop mode, or holds back frames when the ingress port operates in flow control mode. The
following describes special configuration for the flow control mode.
The shared queue system is enabled for holding back frames during resource depletion in
SYS:PORT:PAUSE_CFG.PAUSE_ENA. In addition, this enables the generation of pause requests to the
port module based on memory consumptions. The MAC uses the pause request to generate pause
frames or create back pressure collisions to halt the link partner. This is done according to the MAC
configuration. For more information about MAC configuration, see MAC, page 17.
The shared queue system generates the pause request based on the ingress port’s memory
consumption and also based on the total memory consumption in the shared queue system. This
enables a larger burst capacity for a port operating in flow control while not jeopardizing the non-dropping
flow control.
Generating the pause request partially depends on a memory consumption flag, TOT_PAUSE, which is
set and cleared under the following conditions:
•
The TOT_PAUSE flag is set when the total consumed memory in the shared queue system exceeds
the SYS:PORT:PAUSE_TOT_CFG.PAUSE_TOT_START watermark.
•
The TOT_PAUSE flag is cleared when the total consumed memory in the shared queue system is
below the SYS:PORT:PAUSE_TOT_CFG.PAUSE_TOT_STOP watermark.
The pause request is asserted when both of the following conditions are met.
Table 99 •
Resource Management
Resource Management
Description
Forced drop of egress and
ingress frames
QSYS::EGR_DROP_MODE
QSYS::SWITCH_PORT_MODE.INGRESS_DROP_MODE.
If either an ingress port or an egress port in a frame transfer are configured for drop
mode, congestion results in frame discards. Otherwise frames are held back in the
ingress queues with potential head-of-line blocking effects.
Normally all egress ports are set to non-drop-mode while the ingress drop mode
reflects whether or not the port is configured for flow control.
Prevent ingress port from
using of the shared
resources.
QSYS::IGR_NO_SHARING.
For frames received on ports set in this mask, the shared watermarks are
considered exceeded. This prevents the port from using more resources than
allowed by the reservation watermarks.
Prevent egress port from
using of the shared
resources.
QSYS::EGR_NO_SHARING.
For frames switched to ports set in this mask the shared watermarks are considered
exceeded. This prevents the port from using more resources than allowed by the
reservation watermarks.
Weighted Random Early
Detection (WRED)
QSYS::RED_PROFILE.
It is possible to discard frames with increasing probability as the consumption of
shared resources per QoS class per drop precedence level increases.
QSYS::RED_PROFILE
configures a low and a high watermark per QoS class per
drop precedence level. The probability of discarding a frame increases linearly from
0% when the consumption is at the low watermark to 100% when the consumption
exceeds the high watermark.
Prevent dequeuing
QSYS::PORT_MODE.DEQUEUE_DIS.
Each egress port can disable dequeuing of frames from the egress queues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com