Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 138 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 138 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 134Page - Microsemi Corporation VSC7511 Datasheet HTML 135Page - Microsemi Corporation VSC7511 Datasheet HTML 136Page - Microsemi Corporation VSC7511 Datasheet HTML 137Page - Microsemi Corporation VSC7511 Datasheet HTML 138Page - Microsemi Corporation VSC7511 Datasheet HTML 139Page - Microsemi Corporation VSC7511 Datasheet HTML 140Page - Microsemi Corporation VSC7511 Datasheet HTML 141Page - Microsemi Corporation VSC7511 Datasheet HTML 142Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
123
The sharing watermarks are maximum areas in the shared memory that a given traffic flow can use.
They do not guarantee anything.
When a frame is enqueued into the egress queue system, the frame first consumes from the queue’s
reserved memory area, then from the port’s reserved memory area. When all the frame’s reserved
memory areas are full, it consumes from the shared memory area.
The following provides some simple examples on how to configure the watermarks and how that
influences the resource management.
•
Setting BUF_Q_RSRV_E(egress port = 7, QoS class = 4) to 2 kilobytes guarantees that traffic
destined for port 7 classified to QoS class 4 have room for 2 kilobytes of frame data before frames
can get discarded.
•
Setting BUF_Q_RSRV_I(ingress port = 7, QoS class = 4) to 2 kilobytes guarantees that traffic
received on port 7 classified to QoS class 4 have room for 2 kilobytes of frame data before frames
can get discarded.
•
Setting BUF_P_RSRV_I(ingress port 7) to 10 kilobytes guarantees that traffic received on port 7
have room for 10 kilobytes of data before frames can get discarded.
•
The three reservations above reserve 14 kilobytes of memory in total (2 + 2+ 10 kilobytes) for port 7.
If the same reservations are made for all ports, there are 224 – 11 × 14 = 70 kilobytes left for
sharing. If the sharing watermarks are all set to 70 kilobytes, all traffic groups can consume memory
from the shared memory area without restrictions.
If, instead, setting BUF_PRIO_SHR_E(QoS class = 7) to 70 kilobytes and the other watermarks
BUF_PRIO_SHR_E(QoS class = 0:6) to 20 kilobytes guarantees that traffic classified to QoS
class 7 has 50 kilobytes extra buffer. The buffer is shared between all ports.
•
The BUF_PRIO_SHR_I, BUF_PRIO_SHR_E, REF_PRIO_SHR_I, and REF_PRIO_SHR_E
watermarks can be used for guaranteeing shared resources for each individual QoS class. This is
done by setting QSYS::RES_QOS_MODE so that the watermarks operate on the current
consumption of each QoS class instead of the total use of the shared resources.
3.11.2
Frame Reference Management
Each frame in an egress queue consumes a frame reference, which is a pointer element that points to
the frame’s data in the memory and to the pointer element belonging to the next frame in the queue. The
following illustrations shows how the frame references are used for creating the queue structure.
Figure 37 •
Frame Reference
The shared queue system holds a table of 1911 frame references. The consumption of frame references
is controlled through a set of watermarks. The set of watermarks is the exact same as for the buffer
control. The frame reference watermarks are prefixed REF_. Instead of controlling the amount of
consumed memory, they control the number of frame references. Both reservation and sharing
watermarks are available. For more information, see Table 96, page 122 and Table 97, page 122.
Egress queue, port 7, QoS class 4
Head
Tail
Buffer Memory
Frame References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com