Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 129 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 129 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 125Page - Microsemi Corporation VSC7511 Datasheet HTML 126Page - Microsemi Corporation VSC7511 Datasheet HTML 127Page - Microsemi Corporation VSC7511 Datasheet HTML 128Page - Microsemi Corporation VSC7511 Datasheet HTML 129Page - Microsemi Corporation VSC7511 Datasheet HTML 130Page - Microsemi Corporation VSC7511 Datasheet HTML 131Page - Microsemi Corporation VSC7511 Datasheet HTML 132Page - Microsemi Corporation VSC7511 Datasheet HTML 133Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
114
the aggregation group. As a result, all but one member port must be removed from the destination port
set.
The link aggregation code generated in the classifier is used to look up an aggregation mask in the
aggregation masks table. Finally, ports that are cleared in the selected aggregation mask are removed
from DEST.
For more information about link aggregation, see Link Aggregation, page 246.
3.9.3.4
VCAP Action Handling
VCAP IS2 actions are processed during the VCAP IS2 action handling step. The following table lists the
processing of the VCAP actions. The order of processing is from top to bottom.
3.9.3.5
SMAC Analysis
During the SMAC analysis step, the MAC table is searched for a match against the (SMAC, VID), and the
MAC table is updated due to learning. Either the B-MAC table or the C-MAC table is searched. The
learning part is skipped if the LRN_DIS flag was set by any of the previous steps.
The following table lists the registers associated with SMAC learning.
Table 88 •
VCAP IS2 Action Processing
IS2 Action Field
Description
CPU_COPY_ENA
CPU_QU_NUM
If CPU_COPY_ENA is set, the CPU_QU_NUM bit is set in CPUQ.
HIT_ME_ONCE
CPU_QU_NUM
If HIT_ME_ONCE is set and the HIT_CNT counter is zero, the
CPU_QU_NUM bit is set in CPUQ.
LRN_DIS
If set, learning is disabled (LRN_DIS flag is set).
POLICE_ENA
POLICE_IDX
If POLICE_ENA is set (only applies to first lookup), the POLICE_IDX
instructs which policer to use for this frame. See Policers, page 118.
POLICE_VCAP_ONLY If POLICE_VCAP_ONLY is set (only applies to first lookup), the only active
policer for this frame is the VCAP policer. Other policers (QoS, port) are
disabled. See Policers, page 118.
MASK_MODE
PORT_MASK
The following actions are defined for MASK_MODE.
0: No action.
1: Permit. Ports cleared in PORT_MASK are removed from DEST.
2: Policy. DEST from the DMAC analysis step is replaced with
PORT_MASK.
3: Redirect. DEST as the outcome of the DMAC, VLAN, service, and
aggregation analysis steps is replaced with PORT_MASK.
MIRROR_ENA
If MIRROR_ENA is set, mirroring is enabled. This is used in the mirroring
step. See Mirroring, page 117.
Table 89 •
SMAC Learning Registers
Register
Description
Replication
PORT_CFG.LEARN_ENA
If cleared for PPORT, learning is skipped (that is,
LEARNAUTO, LEARNCPU, LEARNDROP,
LIMIT_CPU, LIMIT_DROP,
LOCKED_PORTMOVE_CPU, and
LOCKED_PORTMOVE_DROP are ignored).
Per port
PORT_CFG.LEARNAUTO
If set for PPORT, hardware-based learning is
performed.
Per port
PORT_CFG.LEARNCPU
If set for PPORT, learn frames are copied to the
CPU.
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com