Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 126 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 126 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 122Page - Microsemi Corporation VSC7511 Datasheet HTML 123Page - Microsemi Corporation VSC7511 Datasheet HTML 124Page - Microsemi Corporation VSC7511 Datasheet HTML 125Page - Microsemi Corporation VSC7511 Datasheet HTML 126Page - Microsemi Corporation VSC7511 Datasheet HTML 127Page - Microsemi Corporation VSC7511 Datasheet HTML 128Page - Microsemi Corporation VSC7511 Datasheet HTML 129Page - Microsemi Corporation VSC7511 Datasheet HTML 130Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
111
The following table lists the registers associated with the DMAC analysis step.
The (DMAC, VID) pair is looked up in the MAC table. A match is found when the (DMAC, VID) pair
matches that of an entry.
If a match is found, the entry is returned and DEST is determined based on the MAC table entry. For
more information, see MAC Table, page 101.
If an entry is found in the MAC table entry of ENTRY_TYPE 0 or 1 and the CPU port is set in the PGID
pointed to by the MAC table entry, CPU extraction queue PGID.DST_PGID is added to the CPUQ.
If an entry is not found for the (DMAC, VID) in the MAC table, the frame is flooded. The forwarding
decision is set to one of the seven flooding masks defined in ANA::FLOODING or
ANA::FLOODING_IPMC, based on one of the flood type definitions listed in the following table.
Table 84 •
DMAC Analysis Registers
Register
Description
Replication
FLOODING.FLD_UNICAST
Index into the PGID table used for flooding
of unicast frames.
None
FLOODING.FLD_BROADCAST
Index into the PGID table used for flooding
of broadcast frames.
None
FLOODING.FLD_MULTICAST
Index into the PGID table used for flooding
of multicast frames, not flooded by the IPMC
flood masks.
None
FLOODING_IPMC.FLD_MC4_CTRL
Index into the PGID table used for flooding
of IPv4 multicast control frames.
None
FLOODING_IPMC.FLD_MC4_DATA
Index into the PGID table used for flooding
of IPv4 multicast data frames.
None
FLOODING_IPMC.FLD_MC6_CTRL
Index into the PGID table used for flooding
of IPv6 multicast control frames.
None
FLOODING_IPMC.FLD_MC6_DATA
Index into the PGID table used for flooding
of IPv6 multicast data frames.
None
PGID[63:0]
Destination and flooding masks table.
64
AGENCTRL.
IGNORE_DMAC_FLAGS
Controls the use of MAC table flags from
(DMAC, VID) entry and flooding flags.
None
CPUQ_CFG
Configuration of CPU extraction queues
None
Table 85 •
Forwarding Decisions Based on Flood Type
Frame Type
Condition
IPv4 multicast data
DMAC = 0x01005E000000 to 0x01005E7FFFFF
EtherType = IPv4
IP protocol is not IGMP
IPv4 DIP outside 224.0.0.x
IPv6 multicast data
DMAC = 0x333300000000 to 0x3333FFFFFFFFF
EtherType = IPv6
IPv6 DIP outside 0xFF02::/16
IPv4 multicast control
DMAC = 0x01005E000000 to 0x01005E7FFFFF
EtherType = IPv4
IP protocol is not IGMP
IPv4 DIP inside 224.0.0.x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com