Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 127 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 127 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 123Page - Microsemi Corporation VSC7511 Datasheet HTML 124Page - Microsemi Corporation VSC7511 Datasheet HTML 125Page - Microsemi Corporation VSC7511 Datasheet HTML 126Page - Microsemi Corporation VSC7511 Datasheet HTML 127Page - Microsemi Corporation VSC7511 Datasheet HTML 128Page - Microsemi Corporation VSC7511 Datasheet HTML 129Page - Microsemi Corporation VSC7511 Datasheet HTML 130Page - Microsemi Corporation VSC7511 Datasheet HTML 131Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
112
In addition, the MAC table flag MAC_CPU_COPY is processed. If MAC_CPU_COPY is set, the
CPUQ_CFG.CPUQ_MAC is added to CPUQ.
The processing of this flag can be disabled through AGENCTRL.IGNORE_DMAC_FLAGS.
Next, CPU-forwarding from the basic classifier, and the IS2 SMAC_SIP lookup is processed if:
•
The basic classifier decided to copy the frame to the CPU, the corresponding CPU extraction queue
is added to CPUQ.
•
The basic classifier decided to redirect the frame to the CPU, DEST is cleared and the
corresponding CPU extraction queue is added to CPUQ.
•
The IS2 SMAC_SIP result decided to copy the frame to the CPU
(SMAC_SIP_ACTION.CPU_COPY_ENA), the corresponding CPU extraction queue,
SMAC_SIP_ACTION.CPU_QU_NUM is added to CPUQ.
•
The IS2 SMAC_SIP result decided to discard the frame (SMAC_SIP_ACTION.FWD_KILL_ENA
set), DEST is cleared.
For more information about frame type definitions for CPU forwarding in the basic classifier, see
Table 32, page 59.
3.9.3.2
VLAN Analysis
During the VLAN analysis step, VLAN configuration is taken into account. As a result, ports can be
removed from the forwarding decision. For more information about VLAN configuration, see VLAN Table,
page 108.
The following table lists the registers associated with VLAN analysis.
IPv6 multicast control
DMAC = 0x333300000000 to 0x3333FFFFFFFFF
EtherType = IPv6
IPv6 DIP inside 0xFF02::/16
Broadcast
DMAC = 0xFFFFFFFFFFFFFF
non-IPv4-multicast-data
non-IPv6-multicast-data
non-IPv4-multicast-control
non-IPv6-multicast-control
Multicast
Bit 40 in DMAC = 1
non-broadcast
non-IPv4-multicast-data
non-IPv6-multicast-data
non-IPv4-multicast-control
non-IPv6-multicast-control
Unicast
Bit 40 in DMAC = 0
Table 86 •
VLAN Analysis Registers
Register
Description
Replication
VLANMASK
If PPORT is set in this mask, and PPORT is not member
of the VLAN to which the frame is classified, DEST is
cleared. This is also called VLAN ingress filtering.
None
PORT_CFG.RECV_ENA If this bit is cleared for PPORT, forwarding from this port to
other front ports is disabled, and DEST is cleared.
Per port
PGID[91:80]
Source port mask. Port mask per port, which specifies
allowed destination ports for frames received on PPORT.
By default, a port can forward to all other ports except
itself.
Per port
Table 85 •
Forwarding Decisions Based on Flood Type (continued)
Frame Type
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com