Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 124 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 124 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 120Page - Microsemi Corporation VSC7511 Datasheet HTML 121Page - Microsemi Corporation VSC7511 Datasheet HTML 122Page - Microsemi Corporation VSC7511 Datasheet HTML 123Page - Microsemi Corporation VSC7511 Datasheet HTML 124Page - Microsemi Corporation VSC7511 Datasheet HTML 125Page - Microsemi Corporation VSC7511 Datasheet HTML 126Page - Microsemi Corporation VSC7511 Datasheet HTML 127Page - Microsemi Corporation VSC7511 Datasheet HTML 128Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
109
3.9.3
Forwarding Engine
The analyzer determines the set of ports to which each frame is forwarded, in several configurable steps.
The resulting destination port set can include any number of front ports, excluding the CPU port. The
CPU port is handled through te CPU extraction queue mask.
The analyzer request from the port modules is passed through all the processing steps of the forwarding
engine. As each step is carried out, the destination port set (DEST) and CPU extraction queue mask
(CPUQ) are built up.
In addition to the forwarding decision, the analyzer determines which frames are subject to learning (also
known as learn frames). Learn frames trigger insertion of a new entry in the MAC table or update of an
existing entry. Learning is presented as part of the forwarding, because in some cases, learning changes
the normal forwarding of a frame, such as secure learning.
During the processing, the analyzer determines a local frame property. The learning-disabled flag,
LRN_DIS is used in the SMAC Learning step:
•
If the learning-disabled flag is set, learning based on (SMAC, VID) is disabled.
•
If the learning-disabled flag is cleared, learning is conducted according to the configuration in the
SMAC learning step.
The following illustration shows the configuration steps in the analyzer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com