Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 121 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 121 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 117Page - Microsemi Corporation VSC7511 Datasheet HTML 118Page - Microsemi Corporation VSC7511 Datasheet HTML 119Page - Microsemi Corporation VSC7511 Datasheet HTML 120Page - Microsemi Corporation VSC7511 Datasheet HTML 121Page - Microsemi Corporation VSC7511 Datasheet HTML 122Page - Microsemi Corporation VSC7511 Datasheet HTML 123Page - Microsemi Corporation VSC7511 Datasheet HTML 124Page - Microsemi Corporation VSC7511 Datasheet HTML 125Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
106
Example: All IPv6 multicast frames in VLAN 12 with MAC 333300112233 are to be forwarded to ports 3,
8, and 9.
This is done by inserting the following entry in the MAC table entry:
VID = 12
MAC = 0x030800112233
ENTRY_TYPE = 3
VALID
1
DEST_IDX = 0
Port, VLAN, and Domain Filter
The following table lists the registers associated with the ageing filter.
The ANAGEFIL register can be used to only hit specific VLANs or ports when doing certain operations. If
the filter is enabled, it affects the Manual age scan command
(MACACCESS.MAC_TABLE_CMD = AGE).
The GET_NEXT MAC table command. For more information, see CPU Commands, page 104.
When two or more filters are enabled at the same time, for example, port and domain, all conditions must
be fulfilled before the operation (aging, GET_NEXT) is carried out.
3.9.1.7
Shared VLAN Learning
The following table lists the location of the Filter Identifier (FID) used for shared VLAN learning.
In the default configuration, the device is set up to do Independent VLAN Learning (IVL), that is, MAC
addresses are learned separately on each VLAN. The device also supports Shared VLAN Learning
(SVL), where a MAC table entry is shared among a group of VLANs. For shared VLAN learning, a MAC
address and a Filter Identifier (FID) define each MAC table entry. A set of VIDs then map to the FID.
The device supports shared VLAN learning in three ways:
•
Through the IS1 actions FID_SEL and FID_VAL specifying the FID to use.
•
Through the per-VID mapping table FID_MAP.
•
Through the AGENCTRL.FID_MASK, which controls a general mapping between FID and VIDs.
Table 78 •
VID/Port/Domain Filters
Register
Description
Replication
ANAGEFIL
Port, VLAN, and domain filter for limiting the target for aging and
search operations on MAC table.
None
Table 79 •
FID Definition Registers
Register
Description
Replication
IS1_ACTION.FID_SEL
Specifies the use of IS1_ACTION.FID_VAL
for the DMAC lookup, the SMAC lookup, or
for both lookups.
Per IS1 entry
IS1_ACTION.FID_VAL
FID value used when FID_SEL>0. This FID
takes precedence.
Per IS1 entry
ANA::FID_MAP.FID_C_VAL
VID-to-FID mapping table. 64 FIDs are
programmable. FID_C_VAL=0 effectively
disables the mapping implying that
FID_C_VAL=VID.
Per VID
AGENCTRL.FID_MASK
Combines multiple VIDs in the MAC table.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com