Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 118 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 118 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 114Page - Microsemi Corporation VSC7511 Datasheet HTML 115Page - Microsemi Corporation VSC7511 Datasheet HTML 116Page - Microsemi Corporation VSC7511 Datasheet HTML 117Page - Microsemi Corporation VSC7511 Datasheet HTML 118Page - Microsemi Corporation VSC7511 Datasheet HTML 119Page - Microsemi Corporation VSC7511 Datasheet HTML 120Page - Microsemi Corporation VSC7511 Datasheet HTML 121Page - Microsemi Corporation VSC7511 Datasheet HTML 122Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
103
Entries in the MAC table can be added, deleted, or updated in three ways:
•
Hardware-based learning of source MAC addresses (that is, inserting new (MAC, VID) pairs in the
MAC table).
•
Age scans (setting AGED_FLAG and deleting entries).
•
CPU commands (for example, for CPU-based learning).
3.9.1.1
Hardware-Based Learning
The analyzer adds an entry to the MAC table when learning is enabled, and the MAC table does not
contain an entry for a received frame’s (SMAC, VID). The new entry is formatted as follows:
•
VALID is set.
•
MAC is set to the frame’s SMAC.
•
VID is set to the frame’s VID prepended with 0.
•
ENTRY_TYPE is set to 0 (normal entry subject to aging).
•
DEST_IDX is set to the frame’s LPORT.
•
MAC_CPU_COPY is set to AGENCTRL.LEARN_CPU_COPY.
•
SRC_KILL is set to AGENCTRL.LEARN_SRC_KILL.
•
IGNORE_VLAN is set to AGENCTRL.LEARN_IGNORE_VLAN.
•
All other fields are cleared.
When a frame is received from a known station, that is, the MAC table already contains an entry for the
received frame’s (SMAC, VID), the analyzer can update the entry as follows.
For entries of entry type 0 (unlocked entries):
•
The AGED_FLAG is cleared. This implies the station is active, avoiding the deletion of the entry due
to aging.
•
If the existing entry’s DEST_IDX differs from the frame’s LPORT, then the entry’s DEST_IDX is set to
the frame’s LPORT. This implies the station has moved to a new port.
For entries of entry type 1 (locked entries):
•
The AGED_FLAG is cleared. This implies the station is active.
Entries of entry types 2 and 3 are never updated, because their multicast MAC addresses are never used
as source MAC addresses.
For more information about learning, see SMAC Analysis, page 114.
3.9.1.2
Age Scan
The analyzer scans the MAC table for inactive entries. An age scan is initiated by either a CPU command
or automatically performed by the device with a configurable age scan period (AUTOAGE). The age scan
ENTRY_TYPE
2
Entry type:
0: Normal entry subject to aging.
1: Normal entry not subject to aging (locked).
2: IPv4 multicast entry not subject to aging. Full port set is encoded in
MAC table entry.
3: IPv6 multicast entry not subject to aging. Full port set is encoded in
MAC table entry.
AGED_FLAG
1
Entry is aged once by an age scan. See Age Scan, page 103.
MAC_CPU_COP
Y
1
Copy frames from or to this station to the CPU.
SRC_KILL
1
Do not forward frames from this station.
Note: This flag is not used for destination lookups.
IGNORE_VLAN
1
Do not use the VLAN_PORT_MASK from the VLAN table when
forwarding frames to this station.
Table 74 •
MAC Table Entry (continued)
Field
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com