Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 116 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 116 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 112Page - Microsemi Corporation VSC7511 Datasheet HTML 113Page - Microsemi Corporation VSC7511 Datasheet HTML 114Page - Microsemi Corporation VSC7511 Datasheet HTML 115Page - Microsemi Corporation VSC7511 Datasheet HTML 116Page - Microsemi Corporation VSC7511 Datasheet HTML 117Page - Microsemi Corporation VSC7511 Datasheet HTML 118Page - Microsemi Corporation VSC7511 Datasheet HTML 119Page - Microsemi Corporation VSC7511 Datasheet HTML 120Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
101
A new command must not be set up until after the VCAP_UPDATE_CTRL.VCAP_UPDATE_SHOT field
is automatically cleared neither must the cache be written to before VCAP_UPDATE_SHOT is cleared.
3.9
Analyzer
The analyzer module is responsible for a number of tasks:
•
Determining the set of destination ports, also known as the forwarding decision, for frames received
by port modules. This includes Layer-2 forwarding, CPU-forwarding, mirroring, and SFlow sampling.
•
Keeping track of network stations and their MAC addresses through MAC address learning and
aging.
•
Holding VLAN membership information (configured by CPU) and applying this to the forwarding
decision.
The analyzer consists of the following main blocks.
•MAC table
•
VLAN table
•
Forwarding Engine
The MAC and VLAN tables are the main databases used by the forwarding engine. The forwarding
engine determines the forwarding decision and initiates learning in the MAC table when appropriate.
The analyzer operates on analyzer requests initiated by the port modules. For each received frame, the
port module requests the analyzer to determine the forwarding decision. Initially, the analyzer request is
directed to the VCAP. The result from the VCAP (the IS2 action) is forwarded to the analyzer along with
the original analyzer request. For more information about VCAP, see VCAP, page 60.
The analyzer request contains the following frame information.
•
Destination and source MAC addresses.
•
Physical port number where the frame was received (referred to as PPORT).
•
Logical port number where the frame was received (referred to as LPORT).
By default, LPORT and PPORT are the same. However, when using link aggregation, multiple
physical ports map to the same logical port. The LPORT value is configured in
ANA:PORT:PORT_CFG.PORTID_VAL in the analyzer.
•
Frame properties derived by the classifier and VCAP IS1:
•
Classified VID
•
Link aggregation code
•
Basic CPU forwarding
•
CPU forwarding for special frame types determined by the classifier
Based on this information, the analyzer determines an analyzer reply, which is returned to the ingress
port modules. The analyzer reply contains:
•
The forwarding decision (referred to as DEST). This mask contains 11 bits, 1 bit for each front port.
DEST does not include the CPU port. The CPU port receives a copy of the frame if the CPU
extraction queue mask, CPUQ, has any bits set.
•
The CPU extraction queue mask (referred to as CPUQ). This mask contains 8 bits, 1 bit for each
CPU extraction queue.
The terms PPORT, LPORT, DEST and CPUQ, as previously defined, are used throughout the remainder
of this section.
3.9.1
MAC Table
This section provides information about the MAC table block in the analyzer. The following table lists the
registers associated with MAC table access.
Table 73 •
MAC Table Access
Register
Description
Replication
MACHDATA
MAC address and VID when accessing the MAC table.
None
MACLDATA
MAC address when accessing the MAC table.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com