Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 112 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 112 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 108Page - Microsemi Corporation VSC7511 Datasheet HTML 109Page - Microsemi Corporation VSC7511 Datasheet HTML 110Page - Microsemi Corporation VSC7511 Datasheet HTML 111Page - Microsemi Corporation VSC7511 Datasheet HTML 112Page - Microsemi Corporation VSC7511 Datasheet HTML 113Page - Microsemi Corporation VSC7511 Datasheet HTML 114Page - Microsemi Corporation VSC7511 Datasheet HTML 115Page - Microsemi Corporation VSC7511 Datasheet HTML 116Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
97
Note that the type value is not used for all entry types. If the type value is not used for an entry type, write
the entry data from bit 0 of VCAP_ENTRY_DAT.
As an example of how a TCAM entry is laid out in the cache register, the following illustration shows a
TCAM entry of the IP6_TCP_UDP entry type for the VCAP IS2.
Figure 29 •
Entry Layout in Register Example
Generally, the type value must never be masked. However, by masking the type bits a lookup in the
VCAP is able to match several different entry types. For example, the IS2 entry types MAC_ETYPE and
MAC_LLC have the binary type values 0000 and 0001, respectively. By masking bit 0, a lookup is able to
match both entry types.
The entry type used in the preceding example only has one subword per entry in the TCAM. Creating a
TCAM entry with an entry type that has several subwords per TCAM entry is a little more complicated. As
shown in the following example, the ARP entry type of the VCAP IS2 is used. The ARP entry type has
two subwords per TCAM entry. From Table 70, page 96, it can be seen that the ARP entry type has a
width of 163 bits per subword. A row in the IS2 TCAM is 384 bits wide. For more information, see
Table 69, page 96. Each subword is assigned to half a TCAM row; that is, subword 0 is assigned to bits
0-187 and subword 1 is assigned to bits 188-375. Because the ARP entry only is 167 bits wide, there are
21 unused bits for each subword, as shown in the following illustration. The layout for VCAP_MASK_DAT
is similar to VCAP_ENTRY_DAT. In addition, a type-group value is associated to each subword. The
type-group values are laid out back-to-back in VCAP_TG_DAT as shown in the following illustration.
IS2
IP6_TCP_UDP
369
1
0 (2)
1 (2)
IS2
IP6_OTHER
372
1
1 (2)
1 (2)
IS2
CUSTOM
363
1
2 (2)
1 (2)
IS2
SMAC_SIP4
84
4
Not used (0)
3 (2)
IS2
SMAC_SIP6
180
2
8 (4)
2 (2)
ES0
VID
28
1
Not used (0)
1 (1)
Table 70 •
Entry, Type, and Type-Group Parameters (continued)
VCAP
Entry Type
Entry Width
Subwords
Type Value
[width in ()]
Type-Group Value
[width in ()]
0
32
64
96
128
160
192
2
371
idx: 0
idx: 1
idx: 2
idx: 3
idx: 4
idx: 5
VCAP_ENTRY_DAT
2
371
VCAP_MASK_DAT
2
VCAP_TG_DAT
Entry Data
Mask data
224
256
288
320
352
idx: 6
idx: 7
idx: 8
idx: 9
idx: 10
idx: 11
384
0
32
64
96
128
160
192
idx: 0
idx: 1
idx: 2
idx: 3
idx: 4
idx: 5
224
256
288
320
352
idx: 6
idx: 7
idx: 8
idx: 9
idx: 10
idx: 11
384
0
32
idx: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com