Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 108 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 108 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 104Page - Microsemi Corporation VSC7511 Datasheet HTML 105Page - Microsemi Corporation VSC7511 Datasheet HTML 106Page - Microsemi Corporation VSC7511 Datasheet HTML 107Page - Microsemi Corporation VSC7511 Datasheet HTML 108Page - Microsemi Corporation VSC7511 Datasheet HTML 109Page - Microsemi Corporation VSC7511 Datasheet HTML 110Page - Microsemi Corporation VSC7511 Datasheet HTML 111Page - Microsemi Corporation VSC7511 Datasheet HTML 112Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
93
TAG_A_TPID_SEL
3
2
Selects TPID for ES0 tag A:
0: 0x8100.
1: 0x88A8.
2: Custom (REW:PORT:PORT_VLAN_CFG.PORT_TPID).
3: If IFH.TAG_TYPE = 0 then 0x8100 else custom.
TAG_A_VID_SEL
5
1
Selects VID for ES0 tag A.
0: Classified VID + VID_A_VAL.
1: VID_A_VAL.
TAG_A_PCP_SEL
6
2
Selects PCP for ES0 tag A.
0: Classified PCP.
1: PCP_A_VAL.
2: DP and QoS mapped to PCP (per port table).
3: QoS class.
TAG_A_DEI_SEL
8
2
Selects PCP for ES0 tag A.
0: Classified DEI.
1: DEI_A_VAL.
2: DP and QoS mapped to PCP (per port table).
3: DP.
TAG_B_TPID_SEL
10
2
Selects TPID for ES0 tag B.
0: 0x8100.
1: 0x88A8.
2: Custom (REW:PORT:PORT_VLAN_CFG.PORT_TPID).
3: If IFH.TAG_TYPE = 0 then 0x8100 else custom.
TAG_B_VID_SEL
12
1
Selects VID for ES0 tag B.
0: Classified VID + VID_B_VAL.
1: VID_B_VAL.
TAG_B_PCP_SEL
13
2
Selects PCP for ES0 tag B.
0: Classified PCP.
1: PCP_B_VAL.
2: DP and QoS mapped to PCP (per port table).
3: QoS class.
TAG_B_DEI_SEL
15
2
Selects PCP for ES0 tag B.
0: Classified DEI.
1: DEI_B_VAL.
2: DP and QoS mapped to PCP (per port table).
3: DP.
VID_A_VAL
17
12
VID used in ES0 tag A. See TAG_A_VID_SEL.
PCP_A_VAL
29
3
PCP used in ES0 tag A. See TAG_A_PCP_SEL.
DEI_A_VAL
32
1
DEI used in ES0 tag A. See TAG_A_DEI_SEL.
VID_B_VAL
33
12
VID used in ES0 tag B. See TAG_B_VID_SEL.
PCP_B_VAL
45
3
PCP used in ES0 tag B. See TAG_B_PCP_SEL.
DEI_B_VAL
48
1
DEI used in ES0 tag B. See TAG_B_DEI_SEL.
RESERVED
49
24
Reserved. Must be set to 0.
HIT_STICKY
73
1
If set, a frame has matched the associated entry.
Table 65 •
ES0 Action Fields (continued)
Action Field
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com