Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 104 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 104 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 100Page - Microsemi Corporation VSC7511 Datasheet HTML 101Page - Microsemi Corporation VSC7511 Datasheet HTML 102Page - Microsemi Corporation VSC7511 Datasheet HTML 103Page - Microsemi Corporation VSC7511 Datasheet HTML 104Page - Microsemi Corporation VSC7511 Datasheet HTML 105Page - Microsemi Corporation VSC7511 Datasheet HTML 106Page - Microsemi Corporation VSC7511 Datasheet HTML 107Page - Microsemi Corporation VSC7511 Datasheet HTML 108Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
89
The two action vectors from the first and second lookups are combined into one action vector, which is
applied in the analyzer. For more information, see Forwarding Engine, page 109. The actions are
combined as follows:
•
HIT_ME_ONCE, CPU_COPY_ENA, CPU_QU_NUM:
If any of the two action vectors have HIT_ME_ONCE or CPU_COPY_ENA set, CPU_COPY_ENA is
POLICE_IDX
10
9
Selects VCAP policer used when policing frames
(POLICE_ENA).
POLICE_VCAP_ONLY
19
1
Disable policing from QoS, and port policers. Only the VCAP
policer selected by POLICE_IDX is active. Only applies to
the second lookup.
PORT_MASK
20
11
Port mask applied to the forwarding decision based on
MASK_MODE.
REW_OP
31
9
Rewriter operation command. The following functions are
supported:
No operation: REW_OP[3:0] = 0.
No operation.
Special Rewrite: REW_OP[3:0]= 8.
Swap the MAC addresses and clear bit 40 in the new SMAC
when transmitting the frame.
One-step PTP: REW_OP[2:0] = 2.
The frame's residence time is added to the correction field in
the PTP frame. The following sub-commands can be
encoded:
REW_OP[7]: Enables Add/subtract mode.
REW_OP[5]: Set if egress delay must be added to correction
field at egress.
REW_OP[4:3]: Configures if ingress delay must be
subtracted from the frame’s Rx time stamp. This is not
applicable for ingress ports in backplane mode.
Bits 4:3 = 0: No delay adjustments.
Bits 4:3 = 1: Subtract delay ANA:PORT:PTP_DLY1_CFG.
Bits 4:3 = 2: Subtract delay ANA:PORT:PTP_DLY2_CFG.
Two-step PTP: REW_OP[2:0] = 3.
The frame's departure time stamp is saved in the time stamp
FIFO queue at egress. REW_OP[8:3] holds the PTP time
stamp identifier used by the CPU.
Origin PTP: REW_OP[2:0] = 9.
The time of day at the frame's departure time is written into
the origin time stamp field in the PTP frame.
Unspecified bits must be set to 0.
SMAC_REPLACE_ENA 40
1
If set, frame’s source MAC address is replaced with MAC
address defined per egress port
(SYS::REW_MAC_LOW_CFG,
SYS::REW_MAC_HIGH_CFG)
RESERVED
41
2
Reserved. Must be set to 0.
ACL_ID
43
6
Logical ID for the entry. This ID is extracted together with the
frame in the CPU extraction header. Only applicable to
actions with CPU_COPY_ENA or HIT_ME_ONCE set.
HIT_CNT
49
32
A statistics counter that is incremented by one each time the
given action is hit.
Table 59 •
IS2 Action Fields (continued)
Action Field
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com