Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 106 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 106 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 102Page - Microsemi Corporation VSC7511 Datasheet HTML 103Page - Microsemi Corporation VSC7511 Datasheet HTML 104Page - Microsemi Corporation VSC7511 Datasheet HTML 105Page - Microsemi Corporation VSC7511 Datasheet HTML 106Page - Microsemi Corporation VSC7511 Datasheet HTML 107Page - Microsemi Corporation VSC7511 Datasheet HTML 108Page - Microsemi Corporation VSC7511 Datasheet HTML 109Page - Microsemi Corporation VSC7511 Datasheet HTML 110Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
91
All IPv6 frames are subject to a SMAC_SIP6 lookup in IS2. The following table lists the SMAC_SIP6 key.
All IPv4 frames are subject to a SMAC_SIP4 lookup in IS2. The following table lists the SMAC_SIP4 key.
3.8.3.1.3
SMAC_SIP4 and SMAC_SIP6 Action Encoding
The VCAP generates an action vector from the SMAC_SIP4 or SMAC_SIP6 lookup if there is a match.
There is no default action vector if no match.
The following table lists the available fields for the action vector from both the SMAC_SIP4 and
SMAC_SIP6 lookups.
Table 61 •
SMAC_SIP6 Key
Field Name
Bit
Width
Description
Lookup Information
S2_TYPE_HALF 0
4
8: SMAC_SIP4.
Interface Information
IGR_PORT
4
4
The port number where the frame was received (0-11).
Layer-2 Information
L2_SMAC
8
48
Frame’s source MAC address.
Layer-3 Information
L3_IP6_SIP
56
128
Frame’s source IPv6 address.
Table 62 •
SMAC_SIP4 Key
Field Name
Bit
Width
Description
Interface Information
IGR_PORT
0
4
The port number where the frame was received (0-11).
Layer-2 Information
L2_SMAC
4
48
Frame’s source MAC address.
Layer-3 Information
L3_IP4_SIP
52
32
Frame’s source IPv4 address.
Table 63 •
SMAC_SIP4 and SMAC_SIP6 Action Fields
Action Field
Bit
Width
Description
CPU_COPY_ENA
0
1
Setting this bit to 1 causes all frames that hit this action to
be copied to the CPU extraction queue specified in
CPU_QU_NUM.
CPU_QU_NUM
1
3
Determines the CPU extraction queue that is used when
a frame is copied to the CPU due to a HIT_ME_ONCE or
CPU_COPY_ENA action.
FWD_KILL_ENA
4
1
Setting this bit to 1 denies forwarding of the frame
forwarding to any front port. The frame can still be copied
to the CPU by other actions.
HOST_MATCH
5
1
Used for IP source guarding. If set, it signals that the host
is a valid (for instance a valid combination of source MAC
address and source IP address). HOST_MATCH is input
to the IS2 keys.
HIT_STICKY
6
1
If set, a frame has matched against the associated entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com