Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 111 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 111 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 107Page - Microsemi Corporation VSC7511 Datasheet HTML 108Page - Microsemi Corporation VSC7511 Datasheet HTML 109Page - Microsemi Corporation VSC7511 Datasheet HTML 110Page - Microsemi Corporation VSC7511 Datasheet HTML 111Page - Microsemi Corporation VSC7511 Datasheet HTML 112Page - Microsemi Corporation VSC7511 Datasheet HTML 113Page - Microsemi Corporation VSC7511 Datasheet HTML 114Page - Microsemi Corporation VSC7511 Datasheet HTML 115Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
96
The following table lists the different parameters for the four VCAPs available in the device. The
parameters are needed to format the data to be written to the cache. The parameters can also be read in
the registers listed in Table 68, page 95.
3.8.6.1
Creating a VCAP Entry in the Cache
Before a VCAP entry can be created in the TCAM and RAM, the entry must be created in the cache. The
cache is accessed through the following 32-bit registers.
•
VCAP_ENTRY_DAT
•
VCAP_MASK_DAT
•
VCAP_ACTION_DAT
•
VCAP_CNT_DAT
•
VCAP_TG_DAT
Each of the cache registers is replicated 64 times; however, only the bits used by the VCAP are mapped
to physical registers. For example, for VCAP IS1, only the lowest 384 bits of VCAP_ENTRY_DAT and
VCAP_MASK_DAT is mapped to physical registers. As mentioned previously, a VCAP entry consists of a
TCAM entry and an action entry.
The TCAM entry consists of entry data, mask data, a type value, and a type-group value. The entry data
prefixed with the type value is written to VCAP_ENTRY_DATA. The mask data is written to
VCAP_MASK_DATA, and the type-group value is written to VCAP_TG_DAT. The type and type-group
values are used internally in the VCAP to distinguish between the different entry types. The following
table lists the type and type-group value for each of the entry types.
Table 69 •
VCAP Parameters
VCAP
Entry
Width
Number of
Entries
Action
Width
Number of
Default
Actions
Counter
Width
Subwords
Type-Group
Width
IS1
384
64
312
1
4x1 (sticky) 4
2
IS2
384
64
99
13
4x32
4
3
ES0
29
256
72
11
1 (sticky)
1
1
Table 70 •
Entry, Type, and Type-Group Parameters
VCAP
Entry Type
Entry Width
Subwords
Type Value
[width in ()]
Type-Group Value
[width in ()]
IS1
S1_NORMAL
180
2
0 (1)
2 (2)
IS1
S1_5TUPLE_IP4 187
2
1 (1)
2 (2)
IS1
S1_NORMAL_IP6 374
1
0 (2)
1 (2)
IS1
S1_7TUPLE
373
1
1 (2)
1 (2)
IS1
S1_5TUPLE_IP6 374
1
2 (2)
1 (2)
IS1
S1_DBL_VID
93
4
Not used (0)
3 (2)
IS2
MAC_ETYPE
181
2
0 (4)
2 (2)
IS2
MAC_LCC
178
2
1 (4)
2 (2)
IS2
MAC_SNAP
178
2
2 (4)
2 (2)
IS2
ARP
163
2
3 (4)
2 (2)
IS2
IP4_TCP_UCP
181
2
4 (4)
2 (2)
IS2
IP4_OTHER
184
2
5 (4)
2 (2)
IS2
IP6_STD
179
2
6 (4)
2 (2)
IS2
OAM
184
2
7 (4)
2 (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com