Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 113 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 113 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 109Page - Microsemi Corporation VSC7511 Datasheet HTML 110Page - Microsemi Corporation VSC7511 Datasheet HTML 111Page - Microsemi Corporation VSC7511 Datasheet HTML 112Page - Microsemi Corporation VSC7511 Datasheet HTML 113Page - Microsemi Corporation VSC7511 Datasheet HTML 114Page - Microsemi Corporation VSC7511 Datasheet HTML 115Page - Microsemi Corporation VSC7511 Datasheet HTML 116Page - Microsemi Corporation VSC7511 Datasheet HTML 117Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
98
Figure 30 •
Entry Layout in Register using Subwords Example
To invalidate an entry in the TCAM (so a lookup never matches the entry), set the type-group for the entry
to 0. If there are more subwords in the entry, each subword can be individually invalidated by setting its
corresponding type-group value to 0.
The action entry is written to VCAP_ACTION_DAT. Similar to an entry data, an action entry also has a
prefixed type value. The following table lists the parameters for the different action types available in
VCAPs.
An action that is associated with an entry type with several subwords per entry has an equal number of
subwords. For actions with several subwords, the subwords are simply concatenated together.
The following illustration shows the action layout in the VCAP_ACTION_DAT register for an SMAC_SIP
action entry. The SMAC_SIP has four subwords per row.
Figure 31 •
Action Layout in Register Example
The counter value associated to the action is written to VCAP_CNT_DAT. VCAP_CNT_DAT contains a
counter value for each subword in the TCAM entry. For action entries, the counter values for each
subword are simply concatenated together.
3.8.6.2
Copying Entries Between Cache and TCAM/RAM
When an entry and associated action is created in the cache, the data in the cache must be copied to a
given address in the TCAM and RAM using the VCAP_UPDATE_CTRL register. Use the following
procedure.
1.
Set VCAP_UPDATE_CTRL.UPDATE_CMD to copy from cache to TCAM/RAM.
2.
Set the address for the entry in VCAP_UPDATE_CTRL.UPDATE_ADDR.
3.
Set VCAP_UPDATE_CTRL.UPDATE_SHOT to initiate the copy operation. The bit is cleared by
hardware when the operation is finished.
Table 71 •
Action and Type Field Parameters
VCAP
Action Type
Action
Width
Subwords
Type Value
[width in ()]
IS1
S1
80
4
Not used (0)
IS2
BASE_TYPE
51
2
0 (1)
IS2
SMAC_SIP
641 (1)
ES0
VID
91
1
Not used (0)
188167
355
subword 1
subword 0
0
32
2
idx: 0
VCAP_TG_DAT
VCAP_ENTRY_DAT
4
0
32
64
96
128
160
192
idx: 0
idx: 1
idx: 2
idx: 3
idx: 4
idx: 5
224
256
288
320
352
idx: 6
idx: 7
idx: 8
idx: 9
idx: 10
idx: 11
384
4
192
IS2.SMAC_SIP
1
7
13
0
32
idx: 0
19
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com