Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 122 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 122 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 118Page - Microsemi Corporation VSC7511 Datasheet HTML 119Page - Microsemi Corporation VSC7511 Datasheet HTML 120Page - Microsemi Corporation VSC7511 Datasheet HTML 121Page - Microsemi Corporation VSC7511 Datasheet HTML 122Page - Microsemi Corporation VSC7511 Datasheet HTML 123Page - Microsemi Corporation VSC7511 Datasheet HTML 124Page - Microsemi Corporation VSC7511 Datasheet HTML 125Page - Microsemi Corporation VSC7511 Datasheet HTML 126Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
107
The IS1 action FID_SEL selects whether to use the FID_VAL for the DMAC lookup, for the SMAC lookup
(learning), or for both lookups. If set for a lookup, the FID_VAL replaces the VID when calculating the
hash key into the MAC table and when comparing with the entry’s VID. If used during the SMAC lookup,
new entries are learned using the FID_VAL. If an IS1 action returns a FID_SEL > 0, it overrules the use
of the FID mapping table for the frame. In addition, FID_SEL > 0 overrules the use of the FID_MASK for
the MAC table lookups specified in FID_SEL.
The FID mapping table, FID_MAP, maps the frame’s classified VID to a FID. If the returned FID is larger
than 0, then the FID overrules the use of the FID_MASK for both the DMAC and SMAC lookups in the
MAC table. Learning is done using the returned FID.
If neither IS1 nor the FID_MAP table have instructed changes to the FID, then the FID_MASK is applied.
The 12-bit FID_MASK masks out the corresponding bits in the VID. The FID used for learning and lookup
is therefore calculated as FID = VID AND (NOT FID_MASK). The FID used in the MAC table is 13 bits so
the calculated FID is prepended with 0. Bit 13 in the FID in the MAC table is only selectable through the
FID_ENA action out of IS1.
All VIDs mapping to the same FID share the same MAC table entries.
Example: Configure all MAC table entries to be shared among all VLANs.
This is done by setting FID_MASK to 111111111111.
Example: Split the MAC table into two separate databases: one for even VIDs and one for odd VIDs.
This is done by setting FID_MASK to 111111111110.
3.9.1.8
Learn Limit
The following table lists the registers associated with controlling the number of MAC table entries per
port.
The ENTRYLIM.ENTRYLIM register specifies the maximum number of unlocked entries in the MAC table
that a port is allowed to use. Locked and IPMC entries are not taken into account.
After the limit is reached, both auto-learning and CPU-based learning on unlocked entries are denied. A
learn frame causing the limit to be exceeded can be copied to the CPU (PORT_CFG.LIMIT_CPU) and
the forwarding to other front ports can be denied (PORT_CFG.LIMIT_DROP).
The ENTRYLIM.ENTRYSTAT register holds the current number of entries in the MAC table. MAC table
aging and manual removing of entries through the CPU cause the current number to be reduced. If a
MAC table entry moves from one port to another port, this is also reduces the current number. If the
move causes the new port’s limit to be exceeded, the entry is denied and removed from the MAC table.
The LEARNDISC counts all events where a MAC table entry is not created or updated due to a learn
limit.
Table 80 •
Learn Limit Definition Registers
Register
Description
Replication
ENTRYLIM
Configures maximum number of unlocked entries in the
MAC table per ingress port.
Per port
PORT_CFG.LIMIT_CPU
If set, learn frames exceeding the limit are copied to the
CPU.
Per port
PORT_CFG.LIMIT_DROP If set, learn frames exceeding the limit are discarded.
Per port
LEARNDISC
The number of MAC table entries that could not be
learned due to a lack of storage space.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com