Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 55 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 55 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 51Page - Analog Devices LTM4677 Datasheet HTML 52Page - Analog Devices LTM4677 Datasheet HTML 53Page - Analog Devices LTM4677 Datasheet HTML 54Page - Analog Devices LTM4677 Datasheet HTML 55Page - Analog Devices LTM4677 Datasheet HTML 56Page - Analog Devices LTM4677 Datasheet HTML 57Page - Analog Devices LTM4677 Datasheet HTML 58Page - Analog Devices LTM4677 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
LTC3888-1
55
Rev. 0
For more information www.analog.com
will range from 220µs to 320µs, not including basic oscil-
lator tolerances. For software-based output changes (e.g.,
margining), this algorithmic delay begins when the STOP
bit is received on the serial bus. An example of this mini-
mum turn on/off delay and step-wise output control can
be seen in Figure 33, where TON_DELAY = 0s.
To effectively implement tracking and sequencing between
rails controlled by ADI digital power products, two signals
should be shared between all controlling ICs: SHARE_CLK
and RUN (CONTROL pin on LTC297x products). This
facilitates synchronized rail sequencing on or off based
on shared input supply state (VIN_ON threshold), external
hardware control (RUN pin), or PMBus commands (pos-
sibly using global addressing).
Figure 33 shows an example of output supply sequencing
using TON_DELAY.
Conventional coincident and ratiometric tracking can also
be emulated by setting equivalent turn-on/off delays and
appropriate rates as shown in Figure 34 and Figure 35.
APPLICATIONS INFORMATION
Figure 30. Time-Based VOUT Turn-On with Servo
DAC VOLTAGE
ERROR (NOT
TO SCALE)
TIME DELAY OF
<1S, TYPICAL
SERVO MODE
ENABLED
FINAL OUTPUT
VOLTAGE REACHED
TON_MAX_FAULT_LIMIT
SOFT-START
@ VOUT_TRANSITION_RATE
TIME
388812 F30
TON_DELAY
VOUT
PGOOD
VOUT_UV_FAULT_LIMIT
RUN
HYSTERESIS
(NOT TO SCALE)
Figure 31. Time-Based VOUT Turn-Off
SOFT-OFF
@ VOUT_TRANSITION_RATE
TOFF_DELAY
TIME
388812 F31
VOUT
RUN
Figure 32. Example of Fixed LTC3888-1 Processing Delay
and Soft-Start
Figure 33. LTC3888-1 Time-Based Supply Sequencing
388812 F32
VOUT
(0.5V/DIV)
RUN
(5V/DIV)
200µs/DIV
388812 F33
VOUT2
VOUT3
VOUT4
VOUT1
100ms/DIV
0.5V/DIV
Figure 34. LTC3888-1 Time-Based Coincident Supply Ramping
Figure 35. LTC3888-1 Time-Based Ratiometric Supply Ramping
388812 F34
100ms/DIV
VOUT2
VOUT3
VOUT4
VOUT1
0.5V/DIV
388812 F35
100ms/DIV
VOUT2
VOUT3
VOUT4
VOUT1
0.5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com