Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 79 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 79 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 75Page - Analog Devices LTM4677 Datasheet HTML 76Page - Analog Devices LTM4677 Datasheet HTML 77Page - Analog Devices LTM4677 Datasheet HTML 78Page - Analog Devices LTM4677 Datasheet HTML 79Page - Analog Devices LTM4677 Datasheet HTML 80Page - Analog Devices LTM4677 Datasheet HTML 81Page - Analog Devices LTM4677 Datasheet HTML 82Page - Analog Devices LTM4677 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
LTC3888-1
79
Rev. 0
For more information www.analog.com
MFR_PWM_MODE_LTC3888-1
The MFR_PWM_MODE_LTC3888-1 command sets important PWM controls for each master channel. The addressed
channel(s) must be turned off by its RUN pin, OPERATION command, or their combination when this command is
issued. Otherwise the LTC3888-1 will NACK the command byte, ignore the command and its data, and assert a BUSY
fault.
Bit Definitions
BIT
MEANING
7
(Reserved)
6
Enable VOUT servo. (VOUT_LOOP_SCALE should be programmed first.)
5
(Reserved, must write as 0)
4
Error Amplifier Disable:
0: Error Amplifier output (ITH) enabled. Channel operates as voltage loop master.
1: Error Amplifier output disabled (ITH high-Z input). Channel operates as slave phase to another master.
3
(Reserved)
2
(Reserved)
1
tON_MIN Control:
0: Minimum PWM On Time Set by Controller (can be < 30ns).
1: Minimum PWM On Time Limited to ≥ 30ns.
0
Power Stage UV HW Response: (see Applications Information for exceptions)
0: Rail ignores any UV indication on shared TEMP/FAULT bus.
1: Rail is latched off if UV is indicated on the shared TEMP/FAULT bus while operating.
(WARNING: Not all power stages support this feature.)
This command has one data byte.
PMBus COMMAND DETAILS (PWM Configuration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com