Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 73 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 73 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 69Page - Analog Devices LTM4677 Datasheet HTML 70Page - Analog Devices LTM4677 Datasheet HTML 71Page - Analog Devices LTM4677 Datasheet HTML 72Page - Analog Devices LTM4677 Datasheet HTML 73Page - Analog Devices LTM4677 Datasheet HTML 74Page - Analog Devices LTM4677 Datasheet HTML 75Page - Analog Devices LTM4677 Datasheet HTML 76Page - Analog Devices LTM4677 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
LTC3888-1
73
Rev. 0
For more information www.analog.com
ON_OFF_CONFIG
The ON_OFF_CONFIG command specifies the combination of RUN pin input state and PMBus commands needed to
turn the addressed output rail on and off.
Supported Values:
VALUE
MEANING
0x1F
OPERATION value and RUN pin must both command the device to start/run. Device executes immediate off when commanded off.
0x1E
OPERATION value and RUN pin must both command the device to start/run. Device uses TOFF_ command values when commanded off.
0x17
RUN pin control with immediate off when commanded off. OPERATION on/off control ignored.
0x16
RUN pin control using TOFF_ command values when commanded off. OPERATION on/off control ignored.
Programming an unsupported ON_OFF_CONFIG value will generate a CML fault and the command will be ignored.
This command has one data byte.
ON, OFF AND MARGIN CONTROL
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
ON_OFF_CONFIG
0x02 RUN pin and PMBus on/off command
configuration.
R/W Byte
Y
Reg
l
0x1E
OPERATION
0x01 On, off and margin control.
R/W Byte
Y
Reg
l
0x80
MFR_RESET
0xFD Force full reset without removing power.
Send Byte
N
MFR_CONFIG_ALL
The MFR_CONFIG_ALL command provides device-level configuration common to multiple ADI PMBus products.
Bit Definitions:
BIT
MEANING
7
Enable fault logging.
6
Ignore ILIM and PWM resistor configuration pins.
5
Disable CML fault for quick command message.
4
Disable SYNC output.
3
Enable 255ms PMBus timeout.
2
Require valid PEC for PMBus write.
1
Enable PMBus clock stretching.
0
Execute CLEAR_FAULTS when either channel is turned on by RUN pin or OPERATION command.
If a legal command is received with an invalid PEC, the LTC3888-1 will not execute the command, regardless of the state
of bit 2. If clock stretching is enabled, the LTC3888-1 only uses it as required, generally above SCL rates of 100kHz.
This command has one data byte.
PMBus COMMAND DETAILS (General Device Configuration/On, Off and Margin Control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com