Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 64 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 64 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 60Page - Analog Devices LTM4677 Datasheet HTML 61Page - Analog Devices LTM4677 Datasheet HTML 62Page - Analog Devices LTM4677 Datasheet HTML 63Page - Analog Devices LTM4677 Datasheet HTML 64Page - Analog Devices LTM4677 Datasheet HTML 65Page - Analog Devices LTM4677 Datasheet HTML 66Page - Analog Devices LTM4677 Datasheet HTML 67Page - Analog Devices LTM4677 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 110 page
background image
LTC3888-1
64
Rev. 0
For more information www.analog.com
somewhat complex. The part provides three handshaking
status bits which reduce this complexity while enabling
robust system level communication. The three hand
shaking status bits are in the MFR_COMMON register.
When the part is busy executing an internal operation,
it will clear bit 6 of MFR_COMMON (Chip Not BUSY).
When internal calculations are in process, the part will
clear bit 5 of MFR_COMMON (Internal Calculations Not
Pending). When the part is busy specifically because it
is transitioning VOUT (margining or on/off) it will clear bit
4 of MFR_COMMON (Output Not In Transition). These
three status bits can be polled with a PMBus read byte
of the MFR_COMMON register until all three bits are set.
A command immediately following all these status bits
being set will be accepted without a NACK, BUSY fault
or ALERT notification. The part can NACK commands for
other reasons, however, as required by the PMBus speci-
fication (e.g., an invalid command or data).
An example of a robust command write algorithm for the
VOUT_COMMAND register is provided in Figure 44. It is
recommended that all command writes be preceded with
such a polling loop to avoid the extra complexity of deal-
ing with busy behavior or unwanted ALERT notifications.
A simple way to achieve this is to embed the polling in
subroutines to write command bytes and words. This poll-
ing mechanism will allow system software to remain clean
and simple while robustly communicating with the part.
When communicating using bus speeds at or below
100kHz, the polling mechanism previously shown pro-
vides a simple solution that ensures robust communica-
tion without clock stretching. At bus speeds in excess
of 100kHz, it is strongly recommended that the part be
enabled to use clock stretching, requiring a PMBus mas-
ter that supports that function. Clock stretching does not
allow the LTC3888-1 to communicate reliably on busses
operating above 400kHz. Operating the LTC3888-1 with
PMBus SCL rates above 400kHz is not recommended.
System software that detects and properly recovers from
the standard PMBus NACK responses or BUSY faults
described in PMBus Specification V1.2, Part II, Section
10.8.7 is required to communicate above 100kHz without
clock stretching.
Refer to Application Note 135 for techniques that may also
applytoimplementarobustPMBusinterfacetotheLTC3888-1.
STATUS AND FAULT LOG MANAGEMENT
Due to internal operation, very infrequently the LS byte
of STATUS_WORD may be inconsistent with the state
of bits in the MS byte. This condition is quite transient
and can normally be resolved by simply re-reading
STATUS_WORD.
If power is lost during an internal store of a fault log to
EEPROM, a partial write of the log can result. In this situ-
ation, the LTC3888-1 will indicate that a partial fault log is
present the next time adequate supply voltage is applied
by setting bit 3 of STATUS_MFR_SPECIFIC and bit 4 of
STATUS_CML. Additional logging remains disabled. The
only way to then determine how much of the log is actu-
ally valid is by subjective evaluation of the contents of
each log event record. MFR_FAULT_LOG_CLEAR will per-
manently erase a partial fault log, allowing a subsequent
log to be written. It is a good practice to always check for
a partial fault log at power-up if fault logging is enabled
(bit 7 of MFR_CONFIG_ALL).
Refer to Fault Log Details in the Operation section for
more details.
LTPOWERPLAY – AN INTERACTIVE DIGITAL POWER GUI
LTpowerPlay is a powerful Windows-based development
environment that supports Analog Devices Power System
Management ICs, including the LTC3888-1. LTpowerPlay
can be used to evaluate ADI products by connecting to
APPLICATIONS INFORMATION
Figure 43. Write Command Data Processing
DECODER
CMD
INTERNAL
PROCESSOR
WRITE COMMAND
DATA BUFFER
PAGE
CMDS
0x00
0x21
0xFD
388812 F43
x1
•
•
•
•
•
•
MFR_RESET
VOUT_COMMAND
S
CALCULATIONS
PENDING
PMBus
WRITE
R
FETCH,
CONVERT
DATA
AND
EXECUTE
DATA
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com