Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 25 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 21Page - Analog Devices LTM4677 Datasheet HTML 22Page - Analog Devices LTM4677 Datasheet HTML 23Page - Analog Devices LTM4677 Datasheet HTML 24Page - Analog Devices LTM4677 Datasheet HTML 25Page - Analog Devices LTM4677 Datasheet HTML 26Page - Analog Devices LTM4677 Datasheet HTML 27Page - Analog Devices LTM4677 Datasheet HTML 28Page - Analog Devices LTM4677 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
LTC3888-1
25
Rev. 0
For more information www.analog.com
OPERATION
OUTPUT VOLTAGE SENSING AND MONITORING
Both on-chip voltage control loops allow remote, differ-
ential sensing of the load voltage with VSENSE± pins. The
DAOUT0/1 outputs provide a 1X buffered version of this
sensed differential referenced to package GND. These
outputs are suitable for driving a resistor divider to GND
supplying VFB to set the desired output voltage.
VOUT supervisor UV and OV fault limits are set from
EEPROM or PMBus command. Factory EEPROM sets
the supervisor limits and margin values as a percentage
of VFB and hence VOUT. If these are modified by PMBus
command, they are specified in absolute volts.
The telemetry ADC is also fully differential and makes
measurements of regulated output voltages at VSENSE±.
Conversion results are returned by READ_VOUT.
OUTPUT CURRENT SENSING AND MONITORING
Every PWM channel on the LTC3888-1 accepts an output
current monitor signal from the power stage it controls. A
proprietary input interface uses this information to control
output pulse width on that phase. When the ISENSE pins for
a channel are multiplexed to the differential inputs of the
LTC3888-1 monitor ADC, they use IREF as the negative
input. These ADC channels have a differential input range
of approximately ±400mVdc. The internal ADC anti-alias-
ing filter and conversion rate produce an average reading
of the ISENSE input voltage relative to IREF. The resulting
value is returned by the READ_IOUT PMBus command.
To allow reduction in round-robin latency, bit 6 of MFR_
PWM_CONFIG_LTC3888-1 determines if the ADC con-
verts ISENSE for all eight phases, or only the two master
channels. If only ISENSE0 and ISENSE1 are monitored, the
IOUT results for the remaining six channels are set to 0A.
READ_IOUT returns readings for the two master channels,
MFR_TOTAL_IOUT returns the sum of all output currents
for on-chip phases assigned to each master channel, and
MFR_READ_ALL_IOUT returns output current for each
individual phase using block read format.
TEMPERATURE SENSE
External temperature can be monitored by most modern
power stages. This is normally presented on a highest-
indicated wire-OR analog bus for each rail, where the
device with highest internal temperature sets the bus volt-
age. The internal ADC converts these temperature inputs
at one-third the rate of voltage or current channels, and
those results are returned by READ_TEMPERATURE_1.
READ_TEMPERATURE_2 returns the internal junction
temperature of the LTC3888-1 using an on-chip diode
with accurate ΔVBE measurement and calculation.
RESISTOR CONFIGURATION PINS
Six input pins can be used to configure key operating
parameters with selected 1% resistors between each pin
and GND. RSET establishes the proper bias levels for the
remaining five pins and requires an 18.7kΩ resistor to
GND. The remaining RCONFIG pins are ASEL0, ASEL1,
ILIM0_CFG, ILIM1_CFG, and PWM_CFG. If any of these
five pins are left open, the value stored in the correspond-
ing EEPROM command(s) is used. The resistor configura-
tion pins are only measured during power-up and execu-
tion of RESTORE_USER_ALL or MFR_RESET. If bit 6 of
MFR_CONFIG_ALL is set in EEPROM, all resistor configu-
ration pins except ASEL0 and ASEL1 are ignored. Per the
PMBus specification, all pin-programmed parameters can
be overridden at any time by commands from the digital
interface.
The ASEL0/1 pin settings are described in application
Table 12. These pins can be used to select the entire
LTC3888-1 device address. ASEL0 always programs the
bottom four bits of the device address for the LTC3888-1
unless left open. ASEL1 can be used to program the
three most-significant bits. Either portion of the address
can also be retrieved from the MFR_ADDRESS value in
EEPROM. If both pins are left open, the full 7-bit MFR_
ADDRESS value stored in EEPROM is used to determine
the device address. The LTC3888-1 always responds to
7-bit global addresses 0x5A and 0x5B. MFR_ADDRESS
should not be set to either of these values or 0x7C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com