Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 14Page - Analog Devices LTM4677 Datasheet HTML 15Page - Analog Devices LTM4677 Datasheet HTML 16Page - Analog Devices LTM4677 Datasheet HTML 17Page - Analog Devices LTM4677 Datasheet HTML 18Page - Analog Devices LTM4677 Datasheet HTML 19Page - Analog Devices LTM4677 Datasheet HTML 20Page - Analog Devices LTM4677 Datasheet HTML 21Page - Analog Devices LTM4677 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 110 page
background image
LTC3888-1
18
Rev. 0
For more information www.analog.com
OPERATION
OVERVIEW
The LTC3888-1 is a constant frequency analog current
mode controller for DC/DC step-down switch-mode appli-
cations. It provides up to two independent voltage loops
(masters) and also contains six additional slave modula-
tors, affording a wide range of predetermined PolyPhase
configurations.
The device is designed to be used with external power
stages that provide an output current monitor, either as a
voltage or current. This includes higher level integrations
such as non-isolated power blocks. The LTC3888-1 pro-
vides a direct interface to the shared temperature and fault
indication bus commonly found on such power stages,
as well as an optional DrMOS gate drive supply voltage
supervisor.
The chip operates from a VIN power supply between 4.5V
and 28.5V. Without any other programming, output volt-
age may be set to any value between 0.4V and 3.45V
using an external resistor divider and the factory EEPROM
settings.
The LTC3888-1 also features a PMBus compliant digital
interface for monitoring and setting of important power
system parameters, including direct output control using
the external resistor divider, if desired.
About This Document
PMBus command pages 0 and 1 control the two volt-
age regulation loops associated with PWM0 and PWM1,
respectively. In this document, these may also be referred
to as masters or master channels. There are often unique
IC pins associated with each of these master channels,
such as ITH0 and ITH1. In cases where discussion applies
to both or either of the master channels, these pin names
may appear without index.
PWM2 to PWM7 are not directly controlled by PMBus
operation, but instead are managed by the master chan-
nel that is assigned to control them. In this document,
the modulators associated with PWM2 to PWM7 will be
referred to as slaves or slave channels. Occasionally the
term PWM or channel may apply to any of the eight PWM
modulators. Rail will designate a master channel and the
group of slaves it controls to produce a single output
voltage, including multiple master channels with wire-OR
ITH control.
The phrase operating memory or simply RAM refers to
volatile onboard RAM holding PMBus commands during
operation.
PMBus commands in this document are given in all
capital letters with no white space, although hyphens or
underscores may be included. For brevity, the indentify-
ing phrase PMBus command is most often omitted when
this typeface appears. All PMBus commands from 0x00
through 0xFF not listed in Table 7 are implicitly not
supported by the LTC3888-1. Writing to any command
not listed in this table may result in a CML fault and/or
undesired operation of the part.
MAJOR PRODUCT FEATURES
• Analog and/or Digitally Programmable Output Voltage
with UV/OV Supervisors
• Digitally Programmable Output Current Limit
• Digitally Programmable Input Voltage Supervisor
• Digitally Programmable Switching Frequency
• Digitally Programmable On and Off Delay Times
• Digitally Programmable Soft-Start/Stop
• Digitally Programmable Load Step Emulation
• Operating Condition Telemetry
• Phase-Locked Loop for Synchronous PolyPhase
Operation
• Non-Volatile Configuration Memory
• Optional External Configuration Resistors for Key
Operating Parameters
• Optional Time-Base Interconnect for Synchronization
Between Multiple Controllers
• Fault Event Data Logging
• Capable of Standalone Operation via EEPROM
Configuration
• PMBus Revision 1.2 Compliant Interface up to 400kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com