Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices LTM4677 Datasheet HTML 14Page - Analog Devices LTM4677 Datasheet HTML 15Page - Analog Devices LTM4677 Datasheet HTML 16Page - Analog Devices LTM4677 Datasheet HTML 17Page - Analog Devices LTM4677 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
LTC3888-1
14
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
RUN0/RUN1 (Pin 20/Pin 21): Run Control Inputs and
Open-Drain Outputs. A voltage above 2V is required on
these pins to enable the respective PWM master chan-
nel. The LTC3888-1 may drive these pins low under cer-
tain reset/restart conditions regardless of any PMBus
command settings. A pullup resistor is required in the
application.
RSET (Pin 22): Resistor Configuration Set Input. Connect
a 1% 18.7kΩ resistor between this pin and GND to set
the selection values for the configuration resistors for
programming bus address, output current limit and other
PWM settings. Refer to the Applications Information sec-
tion for more details.
ASEL0/ASEL1 (Pin 23, Pin 24): Serial Bus Address Select
Inputs. Connect optional 1% resistors between these pins
and GND to select the serial bus interface address. Refer
to the Applications Information section for more detail.
ILIM0_CFG/ILIM1_CFG (Pin 25/Pin 26): Output Current
Limit Configuration Inputs. Connect optional 1% resis-
tors between these pins and GND to select the output
current limit for each channel. Refer to the Applications
Information section for more detail.
PWM_CFG (Pin 27): PWM Configuration Input. Connect
an optional 1% resistor between this pin and GND to con-
figure PWM switching frequency and master/slave con-
figuration. Refer to the Applications Information section
for more detail.
VDD25 (Pin 28): Internal 2.5V Regulator Output. Bypass
this pin to GND with a low ESR 1μF capacitor. Do not load
this pin with external current.
SHARE_CLK (Pin 29): Share Clock Input and Open-
Drain Output. Share clock, nominally 100kHz, is used to
sequence multiple rails in a power system utilizing more
than one ADI PMBus controller. A pull-up resistor to 3.3V
is required in the application. Minimize the capacitance
on this line to ensure the time constant is fast enough for
the application.
VDD33 (Pin 30): Internal 3.3V Regulator Output. Bypass
this pin to GND with a low ESR capacitor (1µF to 2.2µF).
The LTC3888-1 may also be powered from an external
3.3V source attached to this pin for programming pur-
poses only, if the device is otherwise unpowered. Connect
only external passive components for LTC3888-1 configu-
ration and application.
INTVCC (Pin 31): 5.2V Regulator Output. Bypass this pin
to GND with a low ESR 4.7μF capacitor. Connect only
external passive components for LTC3888-1 configura-
tion and application.
VIN (Pin 32): Main Input Supply. Decouple this pin to GND
with a low ESR capacitor (0.1µF to 2.2µF). In applications
where VIN will always operate below 6V, short this pin and
INTVCC together.
IREF (Pin 33): DrMOS Current Sense Reference. This
voltage output provides reference bias for floating current
monitors from DrMOS devices. Decouple this pin to GND
(exposed pad) at the LTC3888-1 and each power stage
with 100nF to 1μF using low ESR capacitors.
GND (Exposed Pad Pin 53): Ground. All small-signal and
compensation components should connect to this pad.
The exposed pad must be soldered to a suitable PCB cop-
per ground plane for proper electrical operation and to
obtain the specified package thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com