Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 25Page - Analog Devices LTM4677 Datasheet HTML 26Page - Analog Devices LTM4677 Datasheet HTML 27Page - Analog Devices LTM4677 Datasheet HTML 28Page - Analog Devices LTM4677 Datasheet HTML 29Page - Analog Devices LTM4677 Datasheet HTML 30Page - Analog Devices LTM4677 Datasheet HTML 31Page - Analog Devices LTM4677 Datasheet HTML 32Page - Analog Devices LTM4677 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
LTC3888-1
29
Rev. 0
For more information www.analog.com
OPERATION
The RUN pin must be released by any controlling exter-
nal application circuits for that channel to restart from the
latch off state. As the RUN pin for a given rail rises, asso-
ciated internal fault indications are cleared automatically.
The LTC3888-1 can also be programmed to clear faults
for both master channels based solely on the run state of
just one channel. See the MFR_CONFIG_ALL command.
CLEAR_FAULTS can also be used to clear all fault bits at
any time, independent of PWM channel state.
Higher-level handling of some internally generated faults
can be digitally deglitched. External faults propagated into
the chip using FAULT pins are not deglitched. Refer to the
following section on FAULT Pin I/O.
STATUS REGISTERS AND ALERT MASKING
Figure 2 summarizes the internal LTC3888-1 status reg-
isters accessible by PMBus command. These contain
indication of various faults, warnings and other impor-
tant operating conditions. As shown, STATUS_BYTE and
STATUS_WORD also summarize contents of other status
registers. Refer to PMBus Command Details for specific
information.
NONE OF THE ABOVE in STATUS_BYTE indicates that
one or more of the bits in the most-significant nibble of
STATUS_WORD are also set.
Figure 2 also shows which of the status bits will assert
ALERT if set and not masked. Once set, ALERT will remain
low until one of the following occurs.
• A CLEAR_FAULTS, RESTORE_USER_ALL or MFR_
RESET Command Is Issued
• The Related Status Bit Is Written to a One
• The Faulted Channel Is Properly Commanded Off and
Back On
• The LTC3888-1 Successfully Transmits Its Address
During a PMBus Alert Response Address (ARA)
• IC Supply Power Is Cycled
With some exceptions, the SMBALERT_MASK command
can be used to prevent the LTC3888-1 from asserting
ALERT on a bit-by-bit basis by register. These mask set-
tings are promoted to STATUS_WORD and STATUS_BYTE
in the same fashion as the status bits themselves. For
example, if ALERT is masked for all bits in Channel 0
STATUS_VOUT, then ALERT is effectively masked for the
VOUT bit in STATUS_WORD for PAGE 0.
The BUSY bit in STATUS_BYTE also asserts ALERT and
cannot be masked. This bit can be set as a result of inter-
action between internal operations and PMBus communi-
cation. This fault occurs when a command is received that
cannot be safely executed with one or both master chan-
nels enabled. As discussed in Application Information,
BUSY faults can be avoided by polling MFR_COMMON
before executing some commands.
Status information contained in MFR_COMMON and
MFR_PADS_LTC3888-1 can be used to clarify the con-
tents of STATUS_BYTE or STATUS_WORD as shown,
but the contents of these registers do not affect the state
of the ALERT pin and may not directly influence bits in
STATUS_BYTE or STATUS_WORD.
FAULT PIN I/O
The LTC3888-1 can map various fault indicators to their
respective FAULT pin using the MFR_FAULT_PROPAGATE
command.
Channel-to-channel fault dependencies and communica-
tion can be created by connecting FAULT pins together. In
the event of an internal fault, one or more of the channels
is configured to pull the bussed FAULT pins low. All chan-
nels are then configured to shut down when the bussed
FAULT pins are pulled low (MFR_FAULT_RESPONSE set
to 0xC0). If latch off is the programmed response on the
faulted channel, the FAULT pin remains low until one of
the following occurs:
• A CLEAR_FAULTS, RESTORE_USER_ALL or MFR_
RESET Command Is Issued
• The Related Status Bit Is Written to a One
• The Faulted Channel Is Properly Commanded Off and
Back On
• IC Supply Power Is Cycled
For autonomous group retry, the faulted channel is con-
figured to release the FAULT pin(s) after a retry interval,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com