Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 4 Page - Analog Devices

  ADMV7320 Datasheet HTML 1Page - Analog Devices ADMV7320 Datasheet HTML 2Page - Analog Devices ADMV7320 Datasheet HTML 3Page - Analog Devices ADMV7320 Datasheet HTML 4Page - Analog Devices ADMV7320 Datasheet HTML 5Page - Analog Devices ADMV7320 Datasheet HTML 6Page - Analog Devices ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 4 of 29
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Minimum Power Amplifier Detector Sensitivity
−5 dBm ≤ POUT ≤ 0 dBm
1
mV/dB
0 dBm ≤ POUT ≤ 23 dBm
3
mV/dB
Power Amplifier Detector Voltage
Minimum (DET2_REF − DET2_OUT)
−5 dBm ≤ POUT ≤ 0 dBm
5
mV
Maximum (DET2_REF − DET2_OUT)
0 dBm ≤ POUT ≤ 23 dBm
800
mV
DET2_REF
−5 dBm ≤ POUT ≤ 23 dBm
0
0.9
2.5
V
DET2_OUT
−5 dBm ≤ POUT ≤ 23 dBm
−1
2.5
V
Envelope Detector
Load resistance (RLOAD) = 200 Ω
Minimum AC Detected Signal
−4 dBm ≤ input power (PIN) ≤ 9.5 dBm
45
mV p-p
3 dB Bandwidth
750
MHz
Second Harmonic
24
dBc
DIFFERENTIAL BASEBAND INPUT PORT IMPEDANCE
100
Ω
LO INPUT PORT IMPEDANCE
50
Ω
POWER SUPPLY
DC Power Dissipation
5
W
PA (PA_VD1 and PA_VD2) Drain Voltage
3.88
4
4.12
V
PA (PA_VG1 and PA_VG2) Gate Voltage
−2
+0.2
V
VGA (VGA_VG12, VGA_VG345, and VGA_VG6) Gate Voltage
−2
+0.2
V
Multiplier Drain Voltage (VD_MULT)
1.46
1.5
1.55
V
VGA Voltage Control (VGA_CTL12)
−5
0
V
PA (IPA_VD1 and IPA_VD2) Drain Current
800
mA
VGA (IVGA_VD12, IVGA_VD345, and IVGA_VD6) Drain Current
250
mA
Amplifier Drain (VD_AMP) Current (IVD_AMP)
175
mA
Multiplier Drain (VD_MULT) Current (IVD_MULT)
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com